Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC2 Datasheet(PDF) 3 Page - Clarke International

Part # BC2
Description  12V/24V 15A BATTERY CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

BC2 Datasheet(HTML) 3 Page - Clarke International

  BC2 Datasheet HTML 1Page - Clarke International BC2 Datasheet HTML 2Page - Clarke International BC2 Datasheet HTML 3Page - Clarke International BC2 Datasheet HTML 4Page - Clarke International BC2 Datasheet HTML 5Page - Clarke International BC2 Datasheet HTML 6Page - Clarke International BC2 Datasheet HTML 7Page - Clarke International BC2 Datasheet HTML 8Page - Clarke International BC2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
Model Number
BC2
Operating Voltage & Frequency
230 V, 50Hz
Battery Charging Voltages:
12V & 24V
Min./Max. Charging Battery Size
4 - 300Ah
Start Voltage
3V
Maximum Input Power
300W
Battery Types
Standard Lead Acid (STD)
Absorbent Glass Mat (AGM)
Lithium Iron Phosphate (LiFePO4)
Charging Current
Max: 15A
12V STD: 14.5V / 15A
24V STD: 29V / 8A
12V AGM: 14.8V / 15A
24V AGM: 29.9V / 8A
12V LFP: 14.6V / 15A
24V LFP: 29.2V / 8A
12V M: 14.4V / 2A
24V M: 28.8V / 2A
Charging Steps
6 steps
IP Rating
IP20
Protection Class
Class II
Operating Temperature Range
0°C to 40°C (32°F to 104°F)
Dimensions (L x W x H)
150mm x 100mm x 240mm
Power Cable Length
1.5m
Charging Clamp Cable Length
1.5m
Weight
1.08kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com