Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9312 Datasheet(PDF) 30 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 26Page - SMSC Corporation LAN9312 Datasheet HTML 27Page - SMSC Corporation LAN9312 Datasheet HTML 28Page - SMSC Corporation LAN9312 Datasheet HTML 29Page - SMSC Corporation LAN9312 Datasheet HTML 30Page - SMSC Corporation LAN9312 Datasheet HTML 31Page - SMSC Corporation LAN9312 Datasheet HTML 32Page - SMSC Corporation LAN9312 Datasheet HTML 33Page - SMSC Corporation LAN9312 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
30
SMSC LAN9312
DATASHEET
122,125
+3.3V Port 2
Analog Power
Supply
VDD33A2
P
+3.3V Port 2 Analog Power Supply
Refer to the LAN9312 application note for
additional connection information.
120
+3.3V Master
Bias Power
Supply
VDD33BIAS
P
+3.3V Master Bias Power Supply
Refer to the LAN9312 application note for
additional connection information.
121
Port 2
Transmitter
+1.8V Power
Supply
VDD18TX2
P
Port 2 Transmitter +1.8V Power Supply: This pin
is supplied from the internal PHY voltage regulator.
This pin must be tied to the VDD18TX1 pin for
proper operation.
Refer to the LAN9312 application note for
additional connection information.
118
Port 1
Transmitter
+1.8V Power
Supply
VDD18TX1
P
+1.8V Port 1 Transmitter Power Supply: This pin
must be connected directly to the VDD18TX2 pin
for proper operation.
Refer to the LAN9312 application note for
additional connection information.
Table 3.4 Host Bus Interface Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
4-6,
8-12,
15-17,19,
20,22-26,
28-32,
34-38,
41-44
Host Bus
Data
D[31:0]
IS/O8
Host Bus Data High: Bits 31-0 of the Host Bus 32-
bit data port.
Note:
Big and little endianess is supported.
45,47,
49-53,
55
Host Bus
Address
A[9:2]
IS
Host Bus Address: 9-bit Host Bus Address Port
used to select Internal CSR’s and TX and RX
FIFO’s.
Note:
The A0 and A1 bits are not used because
the LAN9312 must be accessed on
DWORD boundaries.
57
Read Strobe
nRD
IS
Read Strobe: Active low strobe to indicate a read
cycle. This signal is qualified by the nCS chip
select.
58
Write Strobe
nWR
IS
Write Strobe: Active low strobe to indicate a write
cycle. This signal is qualified by the nCS chip
select.
59
Chip Select
nCS
IS
Chip Select: Active low signal used to qualify read
and write operations.
Table 3.3 LAN Port 1 & 2 Power and Common Pins (continued)
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com