Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9312 Datasheet(PDF) 47 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 43Page - SMSC Corporation LAN9312 Datasheet HTML 44Page - SMSC Corporation LAN9312 Datasheet HTML 45Page - SMSC Corporation LAN9312 Datasheet HTML 46Page - SMSC Corporation LAN9312 Datasheet HTML 47Page - SMSC Corporation LAN9312 Datasheet HTML 48Page - SMSC Corporation LAN9312 Datasheet HTML 49Page - SMSC Corporation LAN9312 Datasheet HTML 50Page - SMSC Corporation LAN9312 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
47
Revision 1.2 (04-08-08)
DATASHEET
4.3.1
Port 1 & 2 PHY Power Management
The Port 1 & 2 PHYs provide independent general power-down and energy-detect power-down modes
which reduce PHY power consumption. General power-down mode provides power savings by
powering down the entire PHY, except the PHY management control interface. General power-down
mode must be manually enabled and disabled as described in Section 7.2.9.1, "PHY General Power-
Down," on page 95.
In energy-detect power-down mode, the PHY will resume from power-down when energy is seen on
the cable (typically from link pulses). If the ENERGYON interrupt (INT7) of either PHYs Port x PHY
Interrupt Mask Register (PHY_INTERRUPT_MASK_x) is unmasked, then the corresponding PHY will
generate an interrupt. These interrupts are reflected in the Interrupt Status Register (INT_STS) bit 27
(PHY_INT2) for the Port 2 PHY, and bit 26 (PHY_INT1) for the Port 1 PHY. These interrupts can be
used to trigger the IRQ interrupt output pin, as described in Section 5.2.3, "Ethernet PHY Interrupts,"
on page 52. Refer to Section 7.2.9.2, "PHY Energy Detect Power-Down," on page 95 for details on the
operation and configuration of the PHY energy-detect power-down mode.
Figure 4.1 PME and PME_INT Signal Generation
PME
ED_EN1 (bit 14) of
PMT_CTRL register
WOL_EN (bit 9) of
PMT_CTRL register
50ms
PME_EN (bit 1) of
PMT_CTRL register
PME_IND (bit 3) of
PMT_CTRL register
PME_POL (bit 2) of
PMT_CTRL register
PME_TYPE (bit 6) of
PMT_CTRL register
LOGIC
WUEN (bit 2) of
HMAC_WUCSR register
MPEN (bit 1) of
HMAC_WUCSR register
WOL_STS (bit 5) of
PMT_CTRL register
WUFR (bit 6) of
HMAC_WUCSR register
MPR (bit 5) of
HMAC_WUCSR register
Denotes a level-triggered "sticky" status bit
PME_INT_EN (bit 17)
of INT_EN register
PME_INT (bit 17)
of INT_STS register
IRQ_EN (bit 8)
of IRQ_CFG register
IRQ
Other System
Interrupts
ED_STS1 (bit 16) of
PMT_CTRL register
ED_EN2 (bit 15) of
PMT_CTRL register
ED_STS2 (bit 17) of
PMT_CTRL register
INT7_MASK (bit 7) of
PHY_INTERRUPT_SOURCE_1 register
INT7 (bit 7) of
PHY_INTERRUPT_SOURCE_1 register
INT7_MASK (bit 7) of
PHY_INTERRUPT_SOURCE_2 register
INT7 (bit 7) of
PHY_INTERRUPT_SOURCE_2 register
Polarity &
Buffer Type
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com