Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1166SC5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1166SC5
Description  Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1166SC5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1166SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.2
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1166• Rev. 1.2
DIO1166
Enhanced Low Voltage SPST Analog Switch with Power
on and Power Off Protection
Features
Over-voltage tolerance (OVT) Features at
common port
Low on capacitance: 18pF typical
Low on resistance: 10Ω maximum
Low power consumption: 1uA
Maximum 10uA maximum ICC over an
expanded voltage range
(Vin=2.7V, Vcc=4.3V)
Wide -3dB Bandwidth: >300MHz
Wide supply range: 1.65~5.5V
Packaged: 5-Lead SC70
8kV HBM ESD rating, 2kV CDM ESD rating
Applications
Cell phones
PDAs
Portable instrumentation
Battery powered communications
Computer peripherals
Descriptions
This single analog switch is designed for 1.65V to
5.5V VCC operation.
The DIO1166 device can handle analog and digital
signals.
The
device
permits
bidirectional
transmission of signals with amplitudes of up to
5.5V(peak). It features power ON/OFF protection
on ports effectively protecting device against
external signal perturbation. It also offers
excellent -3db bandwidth and lower ON resistance,
which can be used as analog switch in multiple
applications.
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO1166SC5
YW6J
RoHS/Green
-40 to +85℃
SC70-5
Tape & Reel, 3000


Similar Part No. - DIO1166SC5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1169 DIOO-DIO1169 Datasheet
1Mb / 11P
Analog Switch
Jul 2025
More results

Similar Description - DIO1166SC5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com