Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1298 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
IN to GND (continuous)
-0.3 to 35
V
IN to GND (during IEC61000-4-5 8/20 µs surge event)
-5 to 48
VOUT
OUT to GND
-0.3 to 35
V
VIN-OUT
IN to OUT
-34 to 35
V
VEN, V
__
EN
EN,
__
EN to GND
-0.3 to 35
V
VOVLO
OVLO to GND
-0.3 to VIN
V
V
_____
ACOK
____
ACOK to GND
-0.3 to 6
V
ISW
Maximum switch current (continuous)
6
A
Peak switch current (5 ms, OCP and Pd limited)
20
TJ
Die junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
TL
Maximum soldering temperature (at leads, 10 sec)
260
°C
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage
3 to 32
V
VOUT
Output voltage
3 to 32
V
V
_____
ACOK
Power good flag output voltage
0 to 5.5
V
VOVLO
OVLO adjust input bias voltage
0 to 5.5
V
VEN
Enable logic input voltage
0 to 32
V
TA
Ambient operating temperature
-40 to 85
°C
TJ
Die junction operating temperature
-40 to 125
°C
CIN
Input capacitance
1 to 10
µF
50
V
COUT
Output capacitance
10 to 1000
µF
35 or 50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com