Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1298 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1298
Description  USB VBUS Safety
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1298 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1298 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1298 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DIO1298
Version 1.2, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
3
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC JS-001
±3
kV
CDM
ANSI/ESDA/JEDEC JS-002
±2
kV
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
47.84
°C/W
RθJB
Junction-to-board thermal resistance
25.19
°C/W
RθJC
Junction-to-case thermal resistance
15.50
°C/W
6. Electrical Characteristics
TA = -40°C to 85°C, VIN = 3 V to 32 V. Typical values are at TA = 25°C, VIN = 5 V, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply
VIN
Input voltage
3
32
V
VUVLO
Undervoltage lockout
VIN rising threshold
2.7
2.9
V
Hysteresis
160
mV
IQ
No-load supply current
Enabled, VIN = 5 V, OUT = open
180
243
293
µA
Enabled, VIN = 20 V, OUT = open
192
251
295
Enabled, VIN = 28 V, OUT = open
190
254
300
ISHDN
Shutdown supply current
Shutdown, VIN = 5 V, OUT = open
1.3
3
µA
Shutdown, VIN = 20 V, OUT = open
1.8
5
Shutdown, VIN = 28 V, OUT = open
2
5.5
VOUT
Output voltage
3
32
V
IOUT_RCP
Output supply current in RCP
Enabled, VIN = 0 V, VOUT = 5 V
161
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com