Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58MR016D Datasheet(PDF) 2 Page - STMicroelectronics

Part # M58MR016D
Description  16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR016D Datasheet(HTML) 2 Page - STMicroelectronics

  M58MR016D Datasheet HTML 1Page - STMicroelectronics M58MR016D Datasheet HTML 2Page - STMicroelectronics M58MR016D Datasheet HTML 3Page - STMicroelectronics M58MR016D Datasheet HTML 4Page - STMicroelectronics M58MR016D Datasheet HTML 5Page - STMicroelectronics M58MR016D Datasheet HTML 6Page - STMicroelectronics M58MR016D Datasheet HTML 7Page - STMicroelectronics M58MR016D Datasheet HTML 8Page - STMicroelectronics M58MR016D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
M58MR016C, M58MR016D
2/51
Figure 2. TFBGA Connections (Top view through package)
AI05229
VDDQ
ADQ10
ADQ11
ADQ4
ADQ5
VSS
ADQ14
ADQ15
H
ADQ9
ADQ2
ADQ3
ADQ6
ADQ7
VSS
G
A18
WP
RP
BINV
L
NC
A16
VDDQ
F
A19
VPP
W
VDD
K
WAIT
E
8
7
6
5
4
3
2
1
ADQ1
ADQ8
E
A17
ADQ0
G
10
9
ADQ13
ADQ12
VSS
VSS
D
C
B
A
DU
DU
DU
DU
12
11
DU
DU
DU
DU
14
13
NC
NC
DESCRIPTION
The M58MR016 is a 16 Mbit non-volatile Flash
memory that may be erased electrically at block
level and programmed in-system on a Word-by-
Word basis using a 1.7V to 2.0V VDD supply for the
circuitry. For Program and Erase operations the
necessary high voltages are generated internally.
The device supports synchronous burst read and
asynchronous read from all the blocks of the mem-
ory array; at power-up the device is configured for
page mode read. In synchronous burst mode, a
new data is output at each clock cycle for frequen-
cies up to 40MHz.
The array matrix organization allows each block to
be erased and reprogrammed without affecting
other blocks. All blocks are protected against pro-
gramming and erase at Power-up.
Blocks can be unprotected to make changes in the
application and then re-protected.
A parameter block "Security block" can be perma-
nently protected against programming and erasing
in order to increase the data security. An optional
12V VPP power supply is provided to speed up the
program phase at costumer production. An inter-
nal command interface (C.I.) decodes the instruc-
tions to access/modify the memory content. The
program/erase controller (P/E.C.) automatically
executes the algorithms taking care of the timings
necessary for program and erase operations. Two
status registers indicate the state of each bank.
Instructions for Read Array, Read Electronic Sig-
nature, Read Status Register, Clear Status Regis-
ter, Write Read Configuration Register, Program,
Block Erase, Bank Erase, Program Suspend, Pro-
gram Resume, Erase Suspend, Erase Resume,
Block Protect, Block Unprotect, Block Locking,
Protection Program, CFI Query, are written to the
memory through a Command Interface (C.I.) using
standard micro-processor write timings.
The memory is offered in TFBGA48, 0.5 mm ball
pitch packages and it is supplied with all the bits
erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com