Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58MR016D Datasheet(PDF) 6 Page - STMicroelectronics

Part # M58MR016D
Description  16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR016D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M58MR016D Datasheet HTML 2Page - STMicroelectronics M58MR016D Datasheet HTML 3Page - STMicroelectronics M58MR016D Datasheet HTML 4Page - STMicroelectronics M58MR016D Datasheet HTML 5Page - STMicroelectronics M58MR016D Datasheet HTML 6Page - STMicroelectronics M58MR016D Datasheet HTML 7Page - STMicroelectronics M58MR016D Datasheet HTML 8Page - STMicroelectronics M58MR016D Datasheet HTML 9Page - STMicroelectronics M58MR016D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
M58MR016C, M58MR016D
6/51
VPP Program Supply Voltage (12V). VPP is both
a control input and a power supply pin. The two
functions are selected by the voltage range ap-
plied to the pin; if VPP is kept in a low voltage range
(0 to 2V) VPP is seen as a control input, and the
current absorption is limited to 5µA (0.2µA typical).
In this case with VPP = VIL we obtain an absolute
protection against program or erase; with VPP =
VPP1 these functions are enabled (see Table 26).
VPP value is only sampled during program or
erase write cycles; a change in its value after the
operation has been started does not have any ef-
fect and program or erase are carried on regularly.
If VPP is used in the 11.4V to 12.6V range (VPPH)
then the pin acts as a power supply (see Table
26). This supply voltage must remain stable as
long as program or erase are running. In read
mode the current sunk is less then 0.5mA, while
during program and erase operations the current
may increase up to 10mA.
VSS Ground. VSS is the reference for all the volt-
age measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com