Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2561SC5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2561SC5
Description  Definition Video Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2561SC5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2561SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 1.2
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO2561• Rev 1.2
DIO2561
One-Channel, 11 MHz, 6th-Order Standard Definition Video Filter
Features
One-ch 6th-order 11 MHz SD filters
6 dB output driver gain and
drive dual video load
Transparent input clamping
AC or DC coupled inputs
AC or DC coupled outputs
Operates from 3.135 to 5.5 V
single power supply
Low power (8 mA/channel)
RoHS or Green
SOIC-8 and SC70-5 packages
±
8 kV ESD protection
Applications
DVD players
Video amplifiers
Cable set-top boxes
Personal video recorders
Communications devices
Video on demand
Descriptions
The DIO2561 is a low voltage, one channel video
amplifier with integrated reconstruction filter and
input clamps. The DIO2561 provides improved
image quality compared with passive LC filters and
discrete drivers solution, especially suited for
standard definition video signals, such as
television and set-top box applications.
The DIO2561 can be directly driven by a
DC-coupled DAC output or an AC-coupled signal.
Internal diode-like clamps and bias circuitry may
be used if AC-coupled inputs are required. The
output in the DIO2561 can also drive AC or DC
coupled single (150 Ω) or dual (75 Ω) loads. The DC
coupling capacitors can be removed.
Block Diagram
Ordering Information
Order Part Number Top Marking
MSL
RoHS
TA
Package
DIO2561SC5
YWXG
3
Green
-40 to 85°C
SC70-5
Tape & Reel, 3000
DIO2561SO8
DIO2561
3
Green
-40 to 85°C
SOIC-8
Tape & Reel, 2500


Similar Part No. - DIO2561SC5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2514 DIOO-DIO2514 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2514CST6 DIOO-DIO2514CST6 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2554G DIOO-DIO2554G Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCM10 DIOO-DIO2554GCM10 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCT14 DIOO-DIO2554GCT14 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
More results

Similar Description - DIO2561SC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
logo
Maxim Integrated Produc...
MAX11504 MAXIM-MAX11504 Datasheet
236Kb / 12P
Four-Channel, Standard-Definition Video Filter
Rev 0; 11/07
logo
SG Micro Corp
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
5th-Order, Standard Definition Video Filter Driver
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
Definition Video Filter Driver
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
Definition Video Filter Driver
logo
Analog Devices
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
Standard Definition Video Filter Driver
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501EVKIT MAXIM-MAX11501EVKIT Datasheet
141Kb / 7P
Standard-Definition Television Video Filter
Rev 0; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com