Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2561SC5 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2561SC5
Description  Definition Video Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2561SC5 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2561SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2561SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DIO2561
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO2561• Rev 1.2
Physical Dimensions: SC70-5
Common Dimensions
(Units of measures = Millimeter)
Symbol
Min
Nom
Max
A
0.80
-
1.10
A1
0
-
0.10
A2
0.80
0.90
1.00
A3
0.40
0.50
0.60
b
0.17
-
0.30
b1
0.17
0.22
0.25
c
0.12
-
0.20
c1
0.12
0.15
0.16
D
2.02
2.07
2.12
E
2.20
2.30
2.40
E1
1.21
1.26
1.31
e
0.60
0.65
0.70
e1
1.20
1.30
1.40
L
0.26
0.33
0.46
L1
0.52 REF
M
0.10
0.15
0.20
K
0
-
0.20
θ
0°
-
8°
θ1
10°
12°
14°
θ2
10°
12°
14°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com