Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58MR064D Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 10Page - STMicroelectronics M58MR064D Datasheet HTML 11Page - STMicroelectronics M58MR064D Datasheet HTML 12Page - STMicroelectronics M58MR064D Datasheet HTML 13Page - STMicroelectronics M58MR064D Datasheet HTML 14Page - STMicroelectronics M58MR064D Datasheet HTML 15Page - STMicroelectronics M58MR064D Datasheet HTML 16Page - STMicroelectronics M58MR064D Datasheet HTML 17Page - STMicroelectronics M58MR064D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
M58MR064C, M58MR064D
14/52
Table 12. Status Register Bits
Note: Logic level ’1’ is VIH and ’0’ is VIL.
Mnemonic
Bit
Name
Logic
Level
Definition
Note
P/ECS
7
P/ECS
Status
1
Ready
Indicates the P/E.C. status, check during
Program or Erase, and on completion before
checking bits b4 or b5 for Program or Erase
Success.
0
Busy
ESS
6
Erase
Suspend
Status
1
Suspended
On an Erase Suspend instruction P/ECS and
ESS bits are set to ’1’. ESS bit remains ’1’ until
an Erase Resume instruction is given.
0
In Progress or
Completed
ES
5
Erase Status
1
Erase Error
ES bit is set to ’1’ if P/E.C. has applied the
maximum number of erase pulses to the block
without achieving an erase verify.
0
Erase Success
PS
4
Program
Status
1
Program Error
PS bit set to ’1’ if the P/E.C. has failed to
program a word.
0
Program
Success
VPPS
3
VPP Status
1
VPP Invalid,
Abort
VPPS bit is set if the VPP voltage is below
VPPLK when a Program or Erase instruction is
executed. VPP is sampled only at the
beginning of the erase/program operation.
0
VPP OK
PSS
2
Program
Suspend
Status
1
Suspended
On a program Suspend instruction P/ECS and
PSS bits are set to ’1’. PSS remains ’1’ until a
Program Resume Instruction is given.
0
In Progress or
Completed
BPS
1
Block
Protection
Status
1
Program/Erase
on protected
Block, Abort
BPS bit is set to ’1’ if a Program or Erase
operation has been attempted on a protected
block.
0
No operation to
protected blocks
0
Reserved
Program (PG)
The Program instruction programs the array on a
word-by-word basis. The first command must be
given to the target block and only one partition can
be programmed at a time; the other partition must
be in one of the read modes or in the erase sus-
pended mode (see Table 8).
This instruction uses two write cycles. The first
command written is the Program Set-up command
40h (or 10h). A second write operation latches the
Address and the Data to be written and starts the
P/E.C.
Read operations in the targeted bank output the
Status Register content after the programming
has started.
The Status Register bit b7 returns '0' while the pro-
gramming is in progress and '1' when it has com-
pleted. After completion the Status register bit b4
returns '1' if there has been a Program Failure (see
Table 12). Status register bit b1 returns '1' if the
user is attempting to program a protected block.
Status Register bit b3 returns a '1' if VPP is below
VPPLK. Any attempt to write a ’1’ to an already pro-
grammed bit will result in a program fail (status
register bit b4 set) if VPP =VPPH and will be ig-
nored if VPP =VPP1.
Programming aborts if RP goes to VIL.Asdata in-
tegrity cannot be guaranteed when the program
operation is aborted, the block containing the
memory location must be erased and repro-
grammed. A Clear Status Register instruction
must be issued to reset b5, b4, b3 and b1 of the
Status Register.
During the execution of the program by the P/E.C.,
the bank in programming accepts only the RSR
(Read Status Register) and PES (Program/Erase
Suspend) instructions. See Figure 16 for Program
Flowchart and Pseudo Code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com