Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58MR064D Datasheet(PDF) 46 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 42Page - STMicroelectronics M58MR064D Datasheet HTML 43Page - STMicroelectronics M58MR064D Datasheet HTML 44Page - STMicroelectronics M58MR064D Datasheet HTML 45Page - STMicroelectronics M58MR064D Datasheet HTML 46Page - STMicroelectronics M58MR064D Datasheet HTML 47Page - STMicroelectronics M58MR064D Datasheet HTML 48Page - STMicroelectronics M58MR064D Datasheet HTML 49Page - STMicroelectronics M58MR064D Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
M58MR064C, M58MR064D
46/52
Table 33. Command Interface States - Lock table
Current
State of
the Other
Partition
Current State of the
Current Partition
Command Input to the Current Partition (and Next State of the Current Partition)
Mode
State
Others
Read
Memory
Array
(FFH)
Erase
Confirm P/
EResume
BU
Confirm
(D0h)
Read
Status
Register
(70h)
Clear
Status
Register
(50h)
Read
elect.
sign. (90h)
Read CFI
(98h)
Block
Protect-
Unprotect-
Lock
setup
write RCR
setup
(60h)
Block
Protect
Confirm
(01h)
Block
Lock
Confirm
(2Fh)
Write RCR
Confirm
(03h)
Any State
Read
Array
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block
Protect-
Unprotect-
LockSetup
Write RCR
Setup
Read Array Read Array Read Array
CFI
Electronic
Signature
Status
Any State
Protect
Unprotect
Lock RCR
Setup
Block
Protect-
Unprotect-
LockError
Write RCR
Error
Block
Protect-
Unprotect-
LockError
Write RCR
Error
Block
Protect-
Unprotect-
LockBlock
Block
Protect-
Unprotect-
LockError
Write RCR
Error
Block
Protect-
Unprotect-
LockError
Write RCR
Error
Block
Protect-
Unprotect-
LockError
Write RCR
Error
Block
Protect-
Unprotect-
LockError
Write RCR
Error
Block
Protect-
Unprotect-
LockError
Write RCR
Error
Block
Protect-
Unprotect-
LockBlock
Block
Protect-
Unprotect-
LockBlock
Set RCR
Error
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block
Protect-
Unprotect-
LockSetup
Write RCR
Setup
Read Array Read Array Read Array
Protect-
Unprotect-
LockBlock
Set RCR
Any State
Protection
Register
Done
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block
Protect-
Unprotect-
LockSetup
Write RCR
Setup
Read Array Read Array Read Array
Any State
Program-
Multiple
Program
Done
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block
Protect-
Unprotect-
LockSetup
Write RCR
Setup
Read Array Read Array Read Array
Setup
Program
Suspend
Read
Array, CFI,
Elect.
Sign.,
Status
SEE
MODIFY
TABLE
PS Read
Array
Program
(Busy)
PS Read
Status
Register
PS Read
Array
PS Read
Elect.
Sign.
PS Read
CFI
PS Read
Array
PS Read
Array
PS Read
Array
PS Read
Array
Idle
Erase
Suspend
Idle
Block-Bank
Erase
Setup
Erase
Error
Erase
Error
Erase
(Busy)
Erase
Error
Erase
Error
Erase
Error
Erase
Error
Erase
Error
Erase
Error
Erase
Error
Erase
Error
Any State
Error
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block
Protect-
Unprotect-
LockSetup
Write RCR
Setup
Read Array Read Array Read Array
Done
Setup
Erase
Suspend
Read
Array, CFI,
Elect.
Sign.,
Status
SEE
MADIFY
TABLE
ES Read
Array
Erase
(Busy)
ES Read
Status
Register
ES Read
Array
ES Read
Elect.
Sign.
ES Read
CFI
Block
Protect-
Unprotect-
LockSetup
Write RCR
Setup
ES Read
Array
ES Read
Array
ES Read
Array
Busy
ES Read
Array
Idle
Erase
(Busy)
Program
Suspend
ES Read
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com