Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC258 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC258 Datasheet HTML 1Page - Renesas Technology Corp UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UPC258, UPC4558
R03DS0145EJ0200 Rev.2.00
Page 3 of 8
Feb.27.25
ELECTRICAL CHARACTERISTICS
UPC258, UPC4558 (TA = 25 °C, V ± = ±15 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±0.5
±6.0
mV
RS ≤ 10 kΩ
Input Offset Current
IIO
±5
±200
nA
Input Bias Current Note 6
IB
60
500
nA
Large Signal Voltage Gain
AV
20000 100000
RL ≥ 2 kΩ, VO = ±10 V
Power Consumption
Pd
90
170
mW
IO = 0 A
Common Mode Rejection Ratio
CMR
70
90
dB
RS ≤ 10 kΩ
Supply Voltage Rejection Ratio
SVR
30
150
μV/V
RS ≤ 10 kΩ
Output Voltage Swing
Vom
±12
±14
V
RL ≥ 10 kΩ
Output Voltage Swing
Vom
±10
±13
V
RL ≥ 2 kΩ
Common Mode Input Voltage Range VICM
±12
±14
V
Slew Rate
SR
1.0
V/μs
AV = 1
Input Equivalent Noise Voltage
Vn
6
μVp-p
RS = 1 kΩ, f = 1 Hz ~ 1 kHz
(Fig 1 )
Channel Separation
105
dB
f = 1 kHz
(Fig 2 )
UPC258(5), UPC4558(5) (TA = 25 °C, V ± = ±15 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±0.5
±2.0
mV
RS ≤ 10 kΩ
Input Offset Current
IIO
±5
±50
nA
Input Bias Current Note 6
IB
60
100
nA
Large Signal Voltage Gain
AV
50000 100000
RL ≥ 2 kΩ, VO = ±10 V
Power Consumption
Pd
90
135
mW
IO = 0 A
Common Mode Rejection Ratio
CMR
85
90
dB
RS ≤ 10 kΩ
Supply Voltage Rejection Ratio
SVR
30
75
μV/V
RS ≤ 10 kΩ
Output Voltage Swing
Vom
±12.5
±14
V
RL ≥ 10 kΩ
Output Voltage Swing
Vom
±11
±13
V
RL ≥ 2 kΩ
Common Mode Input Voltage Range VICM
±13
±14
V
Slew Rate
SR
1.0
V/μs
AV = 1
Input Equivalent Noise Voltage
Vn
6
μVp-p
RS = 1 kΩ, f = 1 Hz ~ 1 kHz
(Fig 1 )
Channel Separation
105
dB
f = 1 kHz
(Fig 2 )
【
Note】 6. The direction of the input bias current is the same direction that flows out from the IC because the first stage
is composed of PNP transistor.
Fig 1 Noise Test Circuit
Fig 2 Channel Separation Test Circuit
VO2
50 Ω
50 kΩ
+
-
VO1
チャネル・セパレーション
= 20 ・ log
1
1000
・ VO2
VO1
10 kΩ
+
-
10 kΩ
VO
+
-
1 kΩ
50 Ω
1 kΩ
100 kΩ
-15 V
+15 V
オシロスコープ
Vn = VO
2000
Oscilloscope
Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com