Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC258 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC258 Datasheet HTML 1Page - Renesas Technology Corp UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0145EJ0200 Rev.2.00
Page 1 of 8
Feb.27.25
Datasheet
UPC258, UPC4558
Low Noise Dual Operational Amplifiers
DESCRIPTION
The UPC258 and 4558 are dual operational amplifier with a built-in phase compensation circuit, feature high
speed, wide band and low noise.
Therefore, applications such as active filters, audio amplifiers and VCOs can be realized with a simple circuit
configuration.
Depending on the operating ambient temperature, UPC258 is suitable for communication application while
UPC4558 is suitable for general-purpose usage.
In addition, special arrangement products with sorted DC items are available.
Along with this series of lineup, the quad type op-amp UPC458 and 4741 with same circuit configuration are
also available
FEATURES
• Input Offset Voltage
±0.5 mV (TYP.)
• Input Offset Current
±5nA (TYP.)
• Input Bias Current
60nA (TYP.)
• Slew Rate
1.0 V/µs (TYP.)
• Input Equivalent Noise Voltage (RIAA)
1.0 μVr.m.s. (TYP.)
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard Dual Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Part Number (1)
Selected Grade
Package
UPC258G2-AP
Standard
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC258G2(5)-AP
DC item sorted product
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC4558G2-AP
Standard
8-pin plastic SOP ( 5.72 mm ( 225 ))
UPC4558G2(5)-AP
DC item sorted product
8-pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.


Similar Part No. - UPC258

ManufacturerPart #DatasheetDescription
logo
NEC
UPC258 NEC-UPC258 Datasheet
101Kb / 16P
Bipolar Analog Integrated Circuit
logo
Renesas Technology Corp
UPC258 RENESAS-UPC258 Datasheet
602Kb / 10P
Low Noise Dual Operational Amplifier
2019.06.13
UPC2581 RENESAS-UPC2581 Datasheet
100Kb / 1P
NEC RECIEVER UPC2581 / 15 PIN
UPC2581V RENESAS-UPC2581V Datasheet
100Kb / 1P
NEC RECIEVER UPC2581 / 15 PIN
logo
NEC
UPC258C NEC-UPC258C Datasheet
101Kb / 16P
Bipolar Analog Integrated Circuit
More results

Similar Description - UPC258

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-1997
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
August 2003 Rev.1.1
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI1-NE5532 Datasheet
966Kb / 23P
Dual Low-Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com