| Electronic Components Datasheet Search |
|
DIO2684 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO2684 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD |
|
3 / 9 page ![]() www.dioo.com Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maxim rating condition may affect device reliability. Parameter Supply Voltage Input Voltage Storage Temperature Range Junction Temperature Lead Temperature Range MSOP-10 ӨJA ESD HBM, JEDEC: JESD22 Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to the datasheet specifications. DIOO does not recommend Ratings. Parameter Supply Voltage Operating Temperature Range DIO2684 © 2015 DIOO MICROCIRCUITS CO., LTD DIO Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maxim rating condition Rating -0.3 to 6.0 -0.3 to VCC+0.3 -65 to 150 150 260 190 HBM, JEDEC: JESD22-A114 8 Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Rating 3.135 to 5.25 -40 to 85 DIOO MICROCIRCUITS CO., LTD IO2684XM10• Rev. 1.1 damage to the device. These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods Unit V +0.3 V °C °C °C °C/W kV The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal exceeding them or designing to Absolute Maximum Unit V °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |