Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2684 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2684
Description  Video Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2684 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2684 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2684 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.dioo.com
Typical Performance Characteristics
Typical value: TA = 25°C, VCC=5V, RSOURCE
0.1µF; all outputs are AC coupled with 220
ICC vs. VCC
3.5
4.0
4.5
0
10
20
30
40
50
60
70
80
90
Icc vs. Vcc
Vcc (V)
CVBS BW vs. Frequency
10
6
10
7
-80
-60
-40
-20
0
BW vs. Frequency
Frequency (Hz)
DIO2684
© 2015 DIOO MICROCIRCUITS CO., LTD
DIO
Typical Performance Characteristics
SOURCE=37.5Ω, RL=150Ω loads; referenced to 400kHz, all inputs are AC couple with
F; all outputs are AC coupled with 220µF; unless otherwise specified.
ICC vs. Temperature
5.0
5.5
-40
-20
0
20
40
40
50
60
70
80
90
Icc vs. Temperature
Temperature (
CVBS BW vs. Frequency
HD BW vs. Frequency
10
8
CVBS (Vo=2Vpp)
10
6
10
-80
-60
-40
-20
0
BW vs. Frequency
Frequency (Hz)
DIOO MICROCIRCUITS CO., LTD
IO2684XM10• Rev. 1.1
loads; referenced to 400kHz, all inputs are AC couple with
vs. Temperature
60
80
100
120
Icc vs. Temperature
Temperature (
°
&
)
HD BW vs. Frequency
10
7
10
8
BW vs. Frequency
Frequency (Hz)
HD (Vo=2Vpp)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com