Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2763CS8 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2763CS8
Description  Triple Video Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2763CS8 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2763CS8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DIO2763
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO2763• Rev 1.0
Electrical Characteristics
Typical value: TA = 25°C, Vs +=5V, RL=150Ω loads; all inputs are AC couple with 0.1µF; all outputs are AC coupled with 220µF;
unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC ELECTRICAL CHARACTERISTICS
ICC
Supply Current
27
mA
VIN
Input Common Mode Voltage Range
DC linear input, limited by output
GND
1.5
Vpp
AC PERFORMANCE: BYPASS CHANNEL
AV
Gain
All channels, TA = –40°C to +85°C
6.0
dB
BW
Band Width
–3dB, VO= 0.2VPP
170
MHz
XTALK
Crosstalk
f=1MHz, channel to channel
-75
dB
SR
Slew Rate
VIN= 2VPP
450
V/μs
OUTPUT CHARACTERISTICS
Ishort
Output current (sinking)
VCC=5V, RL= 10Ω to +2.5V
110
mA
VCC=3.3V, RL= 10Ω to +1.65V
110
mA
POWER SUPPLY
VIN
Operating voltage
3.135
5.25
V
ICC
Total quiescent current, no load
VCC=5V
27
mA
VCC=3.3V
21
mA
PSRR
Power Supply Rejection
VCC=5V
-68
dB
VCC=3.3V
-64
dB
TSD
145
°C
Hysteresis
15
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com