Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2763CS8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2763CS8
Description  Triple Video Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2763CS8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2763CS8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2763CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIO2763
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO2763• Rev 1.0
Application Circuit
Figure 2 is normally used for AC-coupled output and DC-coupled input with DAC which has an output voltage
range from 0V to 1.4V. AC-coupled output offers slightly lower power dissipation.
DIO2763
IN1
IN2
IN3
GND
OUT2
OUT1
+Vs
OUT3
75Ω
75Ω
75Ω
75Ω
0.1uF or
0.01uF
10uF
R/Pr
G/Y
B/Pb
R/Pr
G/Y
B/Pb
5V
1
2
3
5
6
7
8
4
75Ω
75Ω
Figure 2 DC Coupling Circuit
DIO2763
IN1
IN2
IN3
GND
OUT2
OUT1
+Vs
OUT3
75Ω
75Ω
75Ω
0.1uF or
0.01uF
10uF
R/Pr
G/Y
B/Pb
5V
220uF
220uF
220uF
5
6
7
8
4
75Ω
R/Pr
G/Y
B/Pb
1
2
3
75Ω
75Ω
Figure 3 Input DC and Output AC Coupling Circuit
Note:
Power supply +VS must be sequenced on first before input video signals.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com