Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2764 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2764
Description  Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2764 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2764 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2764 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DIO2764
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO2764• Rev 1.0
Ordering Information
Order Part Number
Top Marking
TA
Package
DIO2764CT14
DIO2764
RoHS or Green
-40 to +85°C
TSSOP-14
Tape & Reel, 2500
Pin Assignments
TSSOP-14 (Top View)
1
2
3
4
5
6
7
13
14
12
11
10
9
8
CH1 IN
CH2 IN
CH3 IN
CH4 IN
GND
DISABLE
NC
NC
BYPASS
Vs+
CH4 OUT
CH3 OUT
CH2 OUT
CH1 OUT
Figure 1
Pin Assignment
Pin Description
Pin
Name
Type
Description
1
CH1 IN
Input
Video input; channel 1
2
CH2 IN
Input
Video input; channel 2
3
CH3 IN
Input
Video input; channel 3
4
CH4 IN
Input
Video input; channel 4
5
GND
Ground
Ground pin for all internal circuitry
6
DISABLE
Input
Disable pin. Logic high disables the part. Logic low enables the
part.
7, 8
NC
-
No internal connection
9
BYPASS
Input
Internal filter bypass. Logic high bypasses the internal low-pass
filter. Logic low uses the internal filters.
10
VS+
Input
Positive power-supply pin
11
CH4 OUT
Output
Video output; channel 4
12
CH3 OUT
Output
Video output; channel 3
13
CH2 OUT
Output
Video output; channel 2
14
CH1 OUT
Output
Video output; channel 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com