Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2764 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2764 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2764
Download  DIO2764 Download
File Size   363.74 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Amplifier

DIO2764 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2764 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2764
Download  DIO2764 Click to download

File Size   363.74 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Amplifier

DIO2764 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2764 Product details

Features
 4-SDTV Video Amplifiers for CVBS, S-Video:
Y'P'BP'R 480i/576i, Y'U'V', or G'B'R' (R'G'B')
 Integrated Low-Pass Filters:
6th Order 9MHz (–3dB)
–1dB Passband Bandwidth at 8.0MHz
56dB Attenuation at 27MHz
 200MHz (–3dB) Filter Bypass
 6dB Gain
 DC-Coupled with 300mV Output Shift
 AC-Coupled with Sync-Tip Clamp
 AC-Coupled with Biasing Allowed
 Operates from 3.135V to 5.25V
 Rail-to-rail output
 RoHS or Green TSSOP-14 Package
 8kV ESD protection
Applications
 DVD Players
 Video Amplifiers
 Cable set-top boxes
 Personal Video Recorders
 Communications Devices
 Video on Demand
Descriptions
The DIO2764 is a 4-Channel SDTV Video Amplifier
with 6th order filters and 6dB gain video filter.
These four-channel integrated video buffer
incorporates a 6th order Butterworth filter and able
to be bypassed.
The input can be configured for either ac or
dc-coupled inputs. The 300mV output level shift
allows for a full sync dynamic range at the output
with 0V input. The ac-coupled modes include a
transparent sync-tip clamp option for CVBS, Y',
and G'B'R' signals with sync. AC-coupled biasing
for C'/P'B/P'R channels can easily be achieved by
adding an external resistor.
The rail-to-rail output stage of DIO2764 with 6dB
gain allows for both ac and dc line driving. The
DIO2764 is an excellent choice for portable or
other power-sensitive applications.




Similar Part No. - DIO2764

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2763 DIOO-DIO2763 Datasheet
393Kb / 7P
Triple Video Driver
Rev 1.0
DIO2763CS8 DIOO-DIO2763CS8 Datasheet
393Kb / 7P
Triple Video Driver
Rev 1.0
More results


Similar Description - DIO2764

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
VIDEO AMPLIFIER
logo
NXP Semiconductors
NE5592 PHILIPS-NE5592 Datasheet
63Kb / 6P
Video amplifier
1987 Oct 20
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
Video amplifier
April 15, 1992
logo
Zetex Semiconductors
ZXFV202 ZETEX-ZXFV202 Datasheet
34Kb / 2P
Video Amplifier
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
Video Amplifier
logo
ON Semiconductor
NE592 ONSEMI-NE592 Datasheet
173Kb / 12P
Video Amplifier
October, 2006 ??Rev. 4
logo
Agamem Microelectronic ...
AA8500AP AGAMEM-AA8500AP Datasheet
160Kb / 5P
VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
VIDEO AMPLIFIER
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
Video Amplifier
March, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com