Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2763 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2763 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2763
Download  DIO2763 Download
File Size   393.52 Kbytes
Page   7 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Triple Video Driver

DIO2763 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2763 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2763
Download  DIO2763 Click to download

File Size   393.52 Kbytes
Page   7 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Triple Video Driver

DIO2763 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2763 Product details

Features
 Triple 170MHz Video Drivers
 6dB Output Driver Gain
 Drive Dual Video Loads
 Transparent Input Clamping
 AC or DC Coupled Inputs
 AC or DC Coupled Outputs
 Operates from 3.135V to 5.25V
 8kV ESD protection
 RoHS or Green SOIC-8 Package
Applications
 DVD Players
 Video Amplifiers
 Cable set-top boxes
 Personal Video Recorders
 Communications Devices
 Video on Demand
Descriptions
DIO2763 is triple high-speed video buffers with G
= +2. Each video buffer has -3dB full signal
bandwidth in excess of 170MHz, along with slew
rates in excess of 450V/μs. With -65dB of
crosstalk at 1MHz.
The differential gain and differential phase error
are 0.01% and 0.02°. The DIO2763 is ideal for RGB
and YPbPr signal buffering or driving.
Operating from single power supply ranging from
3.135V to 5.25V and sinking an ultra-low 27mA
quiescent current, the DIO2763 is also ideally
suited for battery powered applications.




Similar Part No. - DIO2763

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2764 DIOO-DIO2764 Datasheet
363Kb / 9P
Video Amplifier
Rev 1.0
DIO2764CT14 DIOO-DIO2764CT14 Datasheet
363Kb / 9P
Video Amplifier
Rev 1.0
More results


Similar Description - DIO2763

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
Triple video driver hybrid amplifier
1997 Oct 21
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6729A PHILIPS-CR6729A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Sep 21
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
logo
SG Micro Corp
SGM9117 SGMICRO-SGM9117 Datasheet
488Kb / 7P
Triple, 200MHz 6dB, Video Driver
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
TRIPLE CHANNEL VIDEO DRIVER
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
TRIPLE VIDEO DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com