Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AW064F Datasheet(PDF) 10 Page - STMicroelectronics

Part # M68AW064F
Description  1 Mbit 64K x16 3.0V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW064F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M68AW064F Datasheet HTML 6Page - STMicroelectronics M68AW064F Datasheet HTML 7Page - STMicroelectronics M68AW064F Datasheet HTML 8Page - STMicroelectronics M68AW064F Datasheet HTML 9Page - STMicroelectronics M68AW064F Datasheet HTML 10Page - STMicroelectronics M68AW064F Datasheet HTML 11Page - STMicroelectronics M68AW064F Datasheet HTML 12Page - STMicroelectronics M68AW064F Datasheet HTML 13Page - STMicroelectronics M68AW064F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
M68AW064F
10/18
Table 7. Read and Standby Mode AC Characteristics
Note: 1. At any given temperature and voltage condition, tGHQZ is less than tGLQX, tBHQZ is less than tBLQX and tEHQZ is less than tELQX for
any given device.
2. CL = 5pF.
Symbol
Parameter
M68AW064F
Unit
55
70
Min.
Max.
Min.
Max.
tAVAV
Read Cycle Time
55
70
ns
tAVQV
Address Valid to Output Valid
55
70
ns
tAXQX
Data hold from address change
10
10
ns
tBHQZ
(1, 2)
Upper/Lower Byte Enable High to Output Hi-Z
20
25
ns
tBLQV
Upper/Lower Byte Enable Low to Output Valid
25
35
ns
tBLQX
Upper/Lower Byte Enable Low to Output Transition
5
5
ns
tEHQZ
(1, 2)
Chip Enable High to Output Hi-Z
20
25
ns
tELQV
Chip Enable Low to Output Valid
55
70
ns
tELQX
Chip Enable Low to Output Transition
10
10
ns
tGHQZ
(1, 2)
Output Enable High to Output Hi-Z
20
25
ns
tGLQV
Output Enable Low to Output Valid
25
35
ns
tGLQX
Output Enable Low to Output Transition
5
5
ns
tPD
Chip Enable or UB/LB High to Power Down
55
70
ns
tPU
Chip Enable or UB/LB Low to Power Up
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com