Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AW064F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M68AW064F
Description  1 Mbit 64K x16 3.0V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW064F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M68AW064F Datasheet HTML 9Page - STMicroelectronics M68AW064F Datasheet HTML 10Page - STMicroelectronics M68AW064F Datasheet HTML 11Page - STMicroelectronics M68AW064F Datasheet HTML 12Page - STMicroelectronics M68AW064F Datasheet HTML 13Page - STMicroelectronics M68AW064F Datasheet HTML 14Page - STMicroelectronics M68AW064F Datasheet HTML 15Page - STMicroelectronics M68AW064F Datasheet HTML 16Page - STMicroelectronics M68AW064F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
M68AW064F
Table 8. Write Mode AC Characteristics
Note: 1. At any given temperature and voltage condition, tWLQZ is less than tWHQX for any given device.
2. CL = 5pF.
Symbol
Parameter
M68AW064F
Unit
55
70
Min
Max
Min
Max
tAVAV
Write Cycle Time
55
70
ns
tAVEH
Address Valid to Chip Enable High
45
60
ns
tAVEL
Address valid to Chip Enable Low
0
0
ns
tAVWH
Address Valid to Write Enable High
45
60
ns
tAVWL
Address Valid to Write Enable Low
0
0
ns
tBLEH
LB, UB Low to Chip Enable High
45
60
ns
tBLWH
LB, UB Low to Write Enable High
45
60
ns
tDVEH
Input Valid to Chip Enable High
25
30
ns
tDVWH
Input Valid to Write Enable High
25
30
ns
tEHAX
Chip Enable High to Address Transition
0
0
ns
tEHDX
Chip enable High to Input Transition
0
0
ns
tELEH
Chip Enable Low to Chip Enable High
45
60
ns
tWHAX
Write Enable High to Address Transition
0
0
ns
tWHDX
Write Enable High to Input Transition
0
0
ns
tWHQX
(1)
Write Enable High to Output Transition
5
5
ns
tWLQZ
(1,2)
Write Enable Low to Output Hi-Z
25
25
ns
tWLWH
Write Enable Low to Write Enable High
40
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com