Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPCONNECTIONKIT Datasheet(PDF) 1 Page - LightGraphix

Part # IPCONNECTIONKIT
Description  Resin Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

IPCONNECTIONKIT Datasheet(HTML) 1 Page - LightGraphix

  IPCONNECTIONKIT Datasheet HTML 1Page - LightGraphix IPCONNECTIONKIT Datasheet HTML 2Page - LightGraphix IPCONNECTIONKIT Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 6 October 2021
Data sheet - Page 1
IP Connection Kit
Resin Kit for IP68 Rated Connections
Key Features
IP connections are very important when wiring fittings in wet or damp environments.
When fittings are not wired with an IP68 connection, water that pools around
exposed cables can corrode wires or be drawn through the cable sheath and
into the fitting, which can lead to irreparable damage. The IP connection kit is
designed for use in all exterior applications.
Up to 10 connections (11 LED fittings) per IP Kit
Designed for single colour constant current LED fittings and 24V linear
Quick and simple method of creating IP68 connections on site
Resin-filled cartridge for easy handling on site
Once fully cured it provides a reliable and robust protection
Potted connections ready to install within 2 hours (light handling)
Minimal size, can fit in cut-outs as small as 26mm in diameter
Works with both in series and parallel wiring
-
-
-
-
-
-
-
-
We would always recommend in exterior applications that connections are done in
a dry location if possible. LightGraphix products can be specified with longer leads
if needed. Connections should never be made under water. The IP Connection Kit
is designed and tested exclusively for use with LightGraphix Products.
1:1 Scale for
CAD Download
53
Cut-Out
Ø26
10
/IPKit10 IP68 Resin Kit
Cut-Out
Ø26
53
10
Constant Current (In-series wiring)
Up to 10 connections for 11 LED fittings per Resin Kit
Up to 4 Linear LED fittings per connection
24V Constant Voltage (Parallel wiring)
Please see attached instruction leaflet for more detailed instructions
Wiring
Installation
Dimensions
Description
Order Code
IP68 resin kit for 10 connections
/IPKit10
Order Code


Similar Part No. - IPCONNECTIONKIT

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
IPC HAMMOND-IPC Datasheet
145Kb / 3P
Armoire pour PC autoportante modulaire en acier doux de type 12
logo
Advantech Co., Ltd.
IPC-100-60SE ADVANTECH-IPC-100-60SE Datasheet
2Mb / 2P
1U Compact Fanless System with Intel짰 Atom??N450 on Board
IPC-120 ADVANTECH-IPC-120 Datasheet
637Kb / 2P
Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
IPC-120BP-00XE ADVANTECH-IPC-120BP-00XE Datasheet
526Kb / 2P
Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
IPC-120BP-00XE ADVANTECH-IPC-120BP-00XE Datasheet
637Kb / 2P
Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
More results

Similar Description - IPCONNECTIONKIT

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P1395-01 HAMAMATSU-P1395-01 Datasheet
117Kb / 2P
Resin coating.dual type
logo
DOMINANT Semiconductors
DDR-SJE-Q2R-1 DOMINANT-DDR-SJE-Q2R-1 Datasheet
816Kb / 14P
LED Colored Resin
logo
Japan Aviation Electron...
031-50722-002 JAE-031-50722-002 Datasheet
75Kb / 1P
CLIP - SYNTHETIC RESIN
031-50600-002 JAE-031-50600-002 Datasheet
77Kb / 1P
CLIP - SYNTHETIC RESIN
logo
Everlight Electronics C...
EALP03SXAOA0-AM EVERLIGHT-EALP03SXAOA0-AM Datasheet
548Kb / 15P
Colorless clear resin.
EALP03SXARA0-AM EVERLIGHT-EALP03SXARA0-AM Datasheet
487Kb / 12P
Colorless clear resin
EALP03SXCYA0-AM EVERLIGHT-EALP03SXCYA0-AM Datasheet
496Kb / 12P
Colorless clear resin.
logo
DISCO Corporation
MDTFR150-02 DISCO-MDTFR150-02 Datasheet
164Kb / 1P
Resin frame
logo
List of Unclassifed Man...
ER2220 ETC1-ER2220 Datasheet
308Kb / 6P
Epoxy Resin
02 February 2022
5401G ETC-5401G Datasheet
34Kb / 2P
Enhanced Polyethylene Resin
May 2001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com