Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPCONNECTIONKIT Datasheet(PDF) 3 Page - LightGraphix

Part # IPCONNECTIONKIT
Description  Resin Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

IPCONNECTIONKIT Datasheet(HTML) 3 Page - LightGraphix

  IPCONNECTIONKIT Datasheet HTML 1Page - LightGraphix IPCONNECTIONKIT Datasheet HTML 2Page - LightGraphix IPCONNECTIONKIT Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
INSTRUCTION LEAFLET
WARNING: DO NOT USE NORMAL LOW VOLTAGE TRANSFORMERS WITH LEDS.
All LED fittings are tested before dispatch. It is not necessary to check them on site. Do not power up until fittings are wired correctly.
This product should be installed by a qualified electrician in accordance with all current, local legislation. For the UK, the current edition of the IEE
Wiring Regulations and European Standard IEC 60364.
LightGraphix, 20 Bourne Rd Ind. Park, Crayford, Kent, DA1 4BZ
Issue: 16 Jul 2014
LightGraphix reserves the right to change specification without notice
IPKit10
IP68 Connection Resin Kit for Wet/Exterior Environments
WARNING
Refer to specified driver sheet for correct wiring instructions.
Do not switch on power source prior to making these connections as this will result in the LEDs being overvolted and can lead to LED failure.
Do not switch on power until resin has had enough time to cure as stated in the instructions above.
Do not pour resin on live connections.
Connect pairs of cables (e.g. red + / black -) from LED fittings to specified driver. Multiple fittings of constant current LEDs are wired in series.
POLARITY IS CRITICAL!
If LEDs don’t work, turn power off immediately, then check polarity. Failure to do so will excessively heat up the LED, causing them to fail.
A maximum no. of 10 connections can be achieved with one IP68 connection kit
WIRING
Page 2/2
+
-
red
black
+
red
-
black
+
red
-
black
to next
fitting
driver
IN-SERIES CONNECTION
FOR CONSTANT
CURRENT WIRING
10 connections for
11 LED fittings.
LED
fitting
4 LED fittings per
IP connection.
PARALLEL CONNECTION
FOR CONSTANT
VOLTAGE WIRING
-
black
+
red
cable
from
driver
fitting
№2
fitting
№1
+
red
-
black
IN-SERIES EXAMPLE
Take time to prepare all
connections, use tape to hold
cables and containers in an upright
position.
Keep cables and terminal blocks
centralised within the container.
Connections will not be able to
bear weight until fully cured (a
minimum of 48hrs).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com