Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6002 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6002
Description  High-Efficiency 1.5MHz, 1.2A Continuous, 1.5A Peak,Synchronous Step Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6002 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6002 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6002 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6002 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6002 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6002 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6002 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6002 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6002 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 1.2
www.dioo.com
© 2017 DIOO MICROCIRCUITS CO., LTD
DIO6002• Rev. 1.2
DIO6002
High-Efficiency 1.5MHz, 1.2A Continuous, 1.5A Peak,
Synchronous Step Down Converter
Features
2.5-5.5V input voltage range
1.2A continuous, 1.5A peak load current
Low RDS(ON) for internal switches (top/bottom)
230mΩ/170mΩ, 1.2A
40μA typical quiescent current
High light load efficiency
High switching frequency 1.5MHz minimizes
the external components
Internal soft start limits the inrush current
100% dropout operation
Green package:
SOT23-5 is pin compatible.
Applications
Portable Navigation Device
Set Top Box
USB Dongle
Media Player
Smart phone
Descriptions
The DIO6002 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 1.5A peak load current
within 2.5V-5.5V input voltage.
The DIO6002 family integrate main switch and
synchronous switch with very low RDS(ON) to
minimize the conduction loss. Low output voltage
ripple and small external inductor and capacitor
sizes are achieved with greater than 1.5MHz
switching frequency.
The DIO6002 is available in SOT23-5 package,
requires only a minimal number of external
components.
Function Block
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO6002CST5
CYWN
Green
-40 to +85°C
SOT23-5
Tape & Reel, 3000
Marking Definition


Similar Part No. - DIO6002

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6001 DIOO-DIO6001 Datasheet
540Kb / 9P
High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter
Rev 1.4
DIO60010-A DIOO-DIO60010-A Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010ASH3 DIOO-DIO60010ASH3 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST5 DIOO-DIO60010AST5 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST6 DIOO-DIO60010AST6 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
More results

Similar Description - DIO6002

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
1.2A, 1.5MHz Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
logo
Unisonic Technologies
UD05158 UTC-UD05158 Datasheet
142Kb / 5P
1.5A, LOW NIOSE 1.5MHZ SYNCHRONOUS STEP-DOWN CONVERTER
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com