Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4064 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC4064
Description  Low Power Consumption J-FET Input Quad Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4064 Datasheet(HTML) 6 Page - Renesas Technology Corp

  UPC4064 Datasheet HTML 1Page - Renesas Technology Corp UPC4064 Datasheet HTML 2Page - Renesas Technology Corp UPC4064 Datasheet HTML 3Page - Renesas Technology Corp UPC4064 Datasheet HTML 4Page - Renesas Technology Corp UPC4064 Datasheet HTML 5Page - Renesas Technology Corp UPC4064 Datasheet HTML 6Page - Renesas Technology Corp UPC4064 Datasheet HTML 7Page - Renesas Technology Corp UPC4064 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UPC834, UPC4064
R03DS0153EJ0200 Rev.2.00
Page 6 of 7
Feb.21.25
USE WITH PRECAUTIONS
Managing unused circuits
If there is an unused circuit, the following connection is recommended.
Example of handling unused circuit
Note in this example, an intermediate voltage of V + and V - is applied.
• Power Supply (Dual Power Supply / Single Power Supply)
The op-amp operates when a predetermine voltage is applied between V + to V - . Therefore, while it
operates from a single power supply (V - = GND), it is not possible to operate the input and output near
GND. So please be careful of the common-mode input voltage range and maximum output voltage.
• Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, the parasitic diode within the
IC may conduct, causing characteristics degradation or damage. In addition, if the voltage of input pin is
lower than V−, or the voltage of output pin exceeds the power supply voltage, it is recommended to make
a clamping circuit using a diode with low forward voltage (e.g.: Schottky diode) as protection.
• Input common-mode voltage range
When the supply voltage does not meet the condition of electrical characteristics, the input common-mode
voltage range is as follows.
VICM (TYP.): V - +2 to V + [V] (TA = 25 °C)
During designing, do include some margin by considering characteristic variations, temperature
characteristics etc.
• Maximum Output Voltage
When the supply voltage does not meet the condition of electrical characteristics, the TYP. value range of
the maximum output voltage is as follows:
Vom + (TYP.): V + -1 [V] (TA = 25 °C), Vom - (TYP.): V - +1.4 [V] (TA = 25 °C)
During designing, do include some margin by considering characteristic variations, temperature
characteristics and so on. In addition, also note that the output voltage range (Vom+ to Vom-) will become
narrow when the output current increases.
• Handling of ICs
When stress is added to the ICs due to warpage or bending of a board, the characteristic may fluctuate due
to piezoelectric (piezo) effect. Therefore, pay attention to warpage or bending of a board.
V -
+
-
V -
V +
V +
R
R
同相入力電圧範囲
(VICM) 内の電位へ
To potentials within the
input common-mode
voltage range (VICM)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com