Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6905 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DIO6905
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905 • Rev. 1.8
- 2 -
Pin Assignments
SOT563
DFN1.6*1.6-6
Figure 1. Pin assignment (Top view)
Pin Definitions
Pin Name
Description
FB
Feedback. An external resistor divider from the output to GND tapped to FB sets the output
voltage.
GND
Power ground.
VIN
Supply voltage. The DIO6905 operates from a 2.3 V to 5.5 V unregulated input. A decoupling
capacitor is required to prevent large voltage spikes from appearing at the input.
SW
Output switching node. SW is the drain of the internal high-side P-channel MOSFET. Connect the
inductor to SW to complete the converter.
EN
On / Off control.
OUT
Output voltage power rail and input sense for the output voltage. Connect the load to OUT. An
output capacitor is required to decrease the output voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com