Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6905 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DIO6905
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905 • Rev. 1.8
- 3 -
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage
6.0
V
VSW
Switching voltage
-0.3 (-5 V for < 20 ns) to 6.0
( 8 V for < 20 ns or 10 V for < 10 ns)
V
All other pins
-0.3 to 6.0
V
TJ
Junction temperature range
150
°C
TL
Lead temperature range
260
°C
PD
Continuous power dissipation (TA = 25°C)
1
W
TSTG
Storage temperature
-65 to 150
°C
ESD
Human body mode
±2000
V
Latch-up
200
mA
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them
or designing to absolute maximum ratings.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage
2.3 to 5.5
V
TJ
Operating junction temperature range
-40 to 125
°C
θJA
Package thermal resistance
SOT563
130
°C/W
60
θJC
DFN1.6*1.6-6
100
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com