Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905FT6 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905FT6
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905FT6 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6905FT6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905FT6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DIO6905
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905 • Rev. 1.8
- 5 -
Typical Performance Characteristic
VIN = 5 V, VOUT = 1.2 V, L = 1.0 μH, CIN = COUT = 10 μF, TA = 25°C, unless otherwise specified.
VIN = 5 V, VOUT = 1.2 V with 2 A load
Figure 2. VIN start
VIN = 5 V, VOUT = 1.2 V with 2 A load
Figure 3. VIN drop
VIN = 5 V, VOUT = 1.2 V with 2 A load
Figure 4. VEN start-up
VIN = 5 V, VOUT = 1.2 V with 2 A load
Figure 5. VEN drop
VIN = 5 V, VOUT = 1.2 V, without load
Figure 6. VEN start-up
VIN = 5 V, VOUT = 1.2 V, without load
Figure 7. VEN drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com