Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905E Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905E
Description  2 A, Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905E Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6905E Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905E Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DIO6905E
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO6905E • Rev. 1.2
- 2 -
Pin Assignments
DIO6905ESH3
DIO6905ECN8
SOT563
DFN2*2-8
Figure 1. Pin assignment (Top view)
Pin Definitions
Pin Name
Description
FB
Feedback. An external resistor divider from the output to GND tapped to FB sets the output
voltage.
GND
Power ground.
VIN
Supply voltage. The DIO6905E operates from a 2.3 V to 5.5 V unregulated input. A decoupling
capacitor is required to prevent large voltage spikes from appearing at the input.
SW
Output switching node. SW is the drain of the internal high-side P-channel MOSFET. Connect the
inductor to SW to complete the converter.
EN
On/off control.
PG
Power-good indicator. Power -good indicator (open-drain output). Low if the output < 90% or the
output >120% of regulation voltage; High otherwise. Connect a pull-up resistor to the input.
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com