Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905E Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6905E Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6905E
Download  DIO6905E Download
File Size   1744.21 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2 A, Synchronous, Step-Down Converter

DIO6905E Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6905E Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905E
Download  DIO6905E Click to download

File Size   1744.21 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2 A, Synchronous, Step-Down Converter

DIO6905E Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6905E Product details

Features
 1.8 MHz switching frequency
 EN for power sequencing
 Wide 2.3 V to 5.5 V operating input range
 Output adjustable from 0.6 V
 Up to 2 A output current
 120 mΩ and 80 mΩ internal power MOSFET
switches
 Output discharge
 Short-circuit protection (SCP) with hiccup
mode
 Stable with low ESR output ceramic
capacitors
 Available in SOT563 and DFN2*2-8 packages
 100% duty cycle
Applications
 Wireless/Networking cards
 Portable and mobile devices
 Battery-powered devices
 Low-voltage I/O system power
 Solid-state drives (SSDs)
Descriptions
The DIO6905E is a monolithic, step-down,
switch-mode converter with built-in, internal
power MOSFETs. It achieves 2 A of output
current from a 2.3 V to 5.5 V input voltage with
excellent load and line regulation. The output
voltage can be regulated as low as 0.6 V.
The constant-on-time control scheme provides a
fast transient response and eases loop
stabilization. Full protection features include
cycle-by-cycle current limiting and thermal
shutdown.
The DIO6905E is available in SOT563 and
DFN2*2-8 packages and requires a minimal
number of readily available, standard, external
components.
The DIO6905E is ideal for a wide range of
applications, including high-performance DSPs,
wireless power, portable and mobile devices, and
other low-power systems.




Similar Part No. - DIO6905E

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6905 DIOO-DIO6905 Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.8
DIO6905B DIOO-DIO6905B Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905BCN8 DIOO-DIO6905BCN8 Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905BSH3 DIOO-DIO6905BSH3 Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905C DIOO-DIO6905C Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.1
More results


Similar Description - DIO6905E

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3003 EOREX-EP3003 Datasheet
365Kb / 12P
2-CH, 600mA Synchronous Step-down Converter
EP3003 EOREX-EP3003_15 Datasheet
683Kb / 13P
2-CH, 600mA Synchronous Step-down Converter
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
4-A Synchronous Step-Down Converter
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
2 A Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
Synchronous Step-Down Converter
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com