Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905C Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6905C Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6905C
Download  DIO6905C Download
File Size   1879.95 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current

DIO6905C Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6905C Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905C
Download  DIO6905C Click to download

File Size   1879.95 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current

DIO6905C Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6905C Product details

Features
 Input voltage range from 2.3 V to 5.5 V
 Up to 2 A output current
 Low quiescent current: 15 μA
 Output adjustable from 0.6 V
 1.65 MHz typical switching frequency
 EN for power sequencing
 Forced PWM operation
 Low RDS(ON) for internal switches
(Top / Bottom): 120 mΩ / 80 mΩ
 Output discharge function
 100% duty cycle in drop
 Hiccup for short-circuit protection (SCP)
 Stable with low ESR output ceramic
capacitors
 Available in SOT563 package
Applications
 Wireless / Networking cards
 Portable and mobile devices
 Battery-powered devices
 Low-voltage I/O system power
 Solid-state drives (SSDs)
Descriptions
The DIO6905C is a high-efficiency, 1.65 MHz
synchronous step down DC / DC converter with
power MOSFETs integrated. It can achieve an
output current of 2 A under an input voltage of
2.3 V to 5.5 V, and has good load and line
regulation. The output voltage can be adjusted
from 0.6 V.
The DIO6905C adopts the COT architecture to
achieve fast transient responses and simplifies
loop stability. In addition, it operates full
protection features include cycle-by-cycle
current limit and thermal shutdown.
The DIO6905C is packaged in SOT563, which
uses fewer external components, enabling a
cost-effective solution.




Similar Part No. - DIO6905C

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6905 DIOO-DIO6905 Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.8
DIO6905B DIOO-DIO6905B Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905BCN8 DIOO-DIO6905BCN8 Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905BSH3 DIOO-DIO6905BSH3 Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905E DIOO-DIO6905E Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter
Rev 1.2
More results


Similar Description - DIO6905C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
logo
Monolithic Power System...
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
STMicroelectronics
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com