Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905C Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905C
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905C Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6905C Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DIO6905C
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905C • Rev. 1.1
- 4 -
Electrical Characteristics
VIN = 3.6 V, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VFB
Feedback voltage
2.3 V ≤ VIN ≤ 5.5 V, TJ = 25°C
594
600
606
mV
TJ = -40°C to 125°C(2)
588
612
VUVLO
Under-voltage lockout threshold rising
2.1
2.3
V
Under-voltage lockout threshold hysteresis
50
mV
VIL
EN input logic low voltage
0.4
V
VIH
EN input logic high voltage
1.2
V
ILKG_EN
EN input current
VEN = 2 V
2
μA
VEN = 0 V
0
μA
ISD
Supply current (shutdown)
VEN = 0 V, TJ = 25°C
0
1
μA
Iq
Supply current (quiescent)
VEN = 2 V, VFB = 0.63 V,
VIN = 3.6 V, 5 V, TJ = 25°C
15
30
μA
IFB
Feedback current
VFB = 0.63 V
50
100
nA
RDSON_P
P-FET switch on resistance
120
mΩ
RDSON_N
N-FET switch on resistance
80
mΩ
RDIS
Output discharge resistor
VEN = 0 V, VOUT = 1.2 V
1
kΩ
ILKG_P
Switch leakage current
VEN = 0 V, VIN = 6 V,
VSW = 0 V and 6 V, TJ = 25°C
0
1
μA
ILIM_P
P-FET peak current limit
Sourcing
2.8
3.2
A
ILIM_N
N-FET valley current limit
Sourcing, valley current limit
1.6
A
ZCD
0
mA
TON
On time
VIN = 5 V, VOUT = 1.2 V
145
ns
VIN = 3.6 V, VOUT = 1.2 V
202
fS
Switching frequency
VIN = 5 V, VOUT = 1.2 V,
IOUT = 500 mA, TJ = 25°C (1)
1300
1650
2000
kHz
VIN = 5 V, VOUT = 1.2 V,
IOUT = 500 mA,
TJ = -40°C to 125°C (1)
1230
1650
2070
kHz
TMIN-OFF
Minimum off time
60
ns
TMIN-ON
Minimum on time(1)
60
ns
TSS-ON
Soft-start time
VOUT rise from 10% to 90%
0.6
ms
Thermal shutdown(2)
160
°C
Thermal hysteresis(2)
30
°C
△
VOUT
Load regulation
1
%/A
Note:
(1). Guaranteed by characterization.
(2). Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com