Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905C Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905C
Description  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905C Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6905C Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO6905C Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DIO6905C
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905C • Rev. 1.1
- 11 -
Table 2 Recommended inductors
Manufacturer P/N
Inductance (μH )
Manufacturer
PIFE25201B-1R0MS
1.0
CYNTEC CO. LTD.
1239AS-H-1R0M
1.0
Tokyo
744 777 002
2.2
Wurth
For most designs, the inductance value can be estimated with Equation (3):
*f
I
*
V
)
V
*(V
V
L
OSC
L
IN
OUT
IN
OUT
△
1
(3)
Where ΔIL is the inductor ripple current.
Choose an inductor current to be approximately 30% of the maximum load current. The maximum inductor
peak current can be calculated with Equation (4):
I
I
I
L
LOAD
MAX
L
2
)
(
△
(4)
Selecting the input capacitor
The input current to the step-down converter is discontinuous, and therefore requires a capacitor to supply the
AC current to the step-down converter while maintaining the DC input voltage. Use low-ESR capacitors for the
best performance. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low
ESR values and small temperature coefficients. For most applications, a 10 µF capacitor is sufficient. Higher
output voltages may require a 22 μF capacitor to increase system stability.
The input capacitor requires an adequate ripple current rating since it absorbs the input switching current.
Estimate the RMS current in the input capacitor with Equation (5):
)
1
(
*
*
1
IN
OUT
IN
OUT
LOAD
C
V
V
V
V
I
I
(5)
The worst-case scenario occurs at VIN = 2VOUT, shown in Equation (6):
2
1
LOAD
C
I
I 
(6)
For simplification, choose an input capacitor with RMS current rating greater than half of the maximum load
current.
The input capacitor can be electrolytic, tantalum, or ceramic. When using electrolytic or tantalum capacitors, add
a small, high-quality, 0.1 μF ceramic capacitor as close to the IC as possible. When using ceramic capacitors,
ensure that they have enough capacitance to provide sufficient charge to prevent excessive voltage ripple at the
input. The input voltage ripple caused by capacitance can be estimated with Equation (7):
)
1
(
*
*
1
*
fS
IN
OUT
IN
OUT
LOAD
IN
V
V
V
V
C
I
V
△
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com