Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905B Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6905B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6905B
Download  DIO6905B Download
File Size   2188.56 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2 A, Synchronous, Step-Down Converter with Forced PWM

DIO6905B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6905B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905B
Download  DIO6905B Click to download

File Size   2188.56 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2 A, Synchronous, Step-Down Converter with Forced PWM

DIO6905B Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6905B Product details

Features
 1.8 MHz switching frequency
 EN for power sequencing
 Wide 2.3 V to 5.5 V operating input range
 Output adjustable from 0.6 V
 Up to 2 A output current
 120 mΩ and 80 mΩ internal power MOSFET
switches
 Forced PWM operation
 Output discharge
 Short-circuit protection (SCP) with hiccup
mode
 Stable with low ESR output ceramic
capacitors
 Available in SOT563 and DFN2*2-8 packages
 100% duty cycle
Applications
 Wireless/networking cards
 Portable and mobile devices
 Battery-powered devices
 Low-voltage I/O system power
 Solid-state drives (SSDs)
Descriptions
The DIO6905B is a monolithic, step-down,
switch-mode converter with built-in, internal
power MOSFETs. It achieves 2 A of output
current from a 2.3 V to 5.5 V input voltage with
excellent load and line regulation. The output
voltage can be regulated as low as 0.6 V.
The constant-on-time control scheme provides a
fast transient response and eases loop
stabilization. Full protection features include
cycle-by-cycle current limiting and thermal
shutdown.
The DIO6905B is available in SOT563 and
DFN2*2-8 packages and requires a minimal
number of readily available, standard, external
components.
The DIO6905B is ideal for a wide range of
applications, including high-performance DSPs,
wireless power, portable and mobile devices, and
other low-power systems.




Similar Part No. - DIO6905B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6905 DIOO-DIO6905 Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.8
DIO6905C DIOO-DIO6905C Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.1
DIO6905CSH3 DIOO-DIO6905CSH3 Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.1
DIO6905E DIOO-DIO6905E Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter
Rev 1.2
DIO6905ECN8 DIOO-DIO6905ECN8 Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter
Rev 1.2
More results


Similar Description - DIO6905B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Analog Intergrations Co...
AIC2802 AIC-AIC2802 Datasheet
198Kb / 6P
3A 23V Synchronous PWM Step-Down Converter
AIC2822 AIC-AIC2822 Datasheet
453Kb / 9P
2A 23V Synchronous PWM Step-Down Converter
AIC2823 AIC-AIC2823 Datasheet
526Kb / 10P
3A 23V Synchronous PWM Step-Down Converter
logo
Texas Instruments
TPS62097 TI1-TPS62097 Datasheet
1Mb / 28P
TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
logo
Texas Instruments
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1093 ETA-ETA1093 Datasheet
191Kb / 1P
1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
logo
Shenzhen Huazhimei Semi...
HM8112A HMSEMI-HM8112A Datasheet
930Kb / 6P
28V, 2A, Forced PWM Synchronous Step-Down Converter in SOT23-6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com