Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905B Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905B
Description  2 A, Synchronous, Step-Down Converter with Forced PWM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905B Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6905B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DIO6905B
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO6905B • Rev. 1.2
- 9 -
Detailed Description
The DIO6905B uses constant on-time control with input voltage feed-forward to stabilize the switching frequency
over its full input voltage range. It achieves 2 A of output current from a 2.3 V to 5.5 V input voltage range with
excellent load and line regulation. The output voltage can be regulated as low as 0.6 V.
Constant-on-time control
When compared to fixed-frequency PWM control, constant-on-time control offers a simpler control loop and
faster transient response. By using input voltage feed-forward, the DIO6905B maintains a nearly constant
switching frequency across the input and output voltage ranges. The switching pulse on time can be estimated
with Equation (1):
μs
0.556
V
V
t
IN
OUT
ON
(1)
To prevent inductor current runaway during the load transient, the DIO6905B has a fixed minimum off time of
60 ns.
Enable (EN)
When the input voltage is greater than the under-voltage lockout (UVLO) threshold (typically 2.1 V), the
DIO6905B can be enabled by pulling EN higher than 1.2 V. Leaving EN floating or pulling it down to ground
disables the DIO6905B. There is an internal 1 MΩ resistor from EN to the ground.
When the DIO6905B is disabled, the part goes into output discharge mode automatically. The internal discharge
MOSFET provides a resistive discharge path for the output capacitor.
Soft-start
The DIO6905B uses a built-in soft-start (SS) that ramps up the output voltage at a controlled slew rate to avoid
overshooting at start-up. The soft-start time is about 0.6 ms, typically.
Current limit
The DIO6905B has a 2.4 A, minimum, high-side, switch-current limit. When the high-side switch reaches its
current limit, the DIO6905B remains in hiccup mode until the current drops. This prevents the inductor current
from continuing to rise and damaging components.
Short circuit and recovery
The DIO6905B enters short-circuit protection (SCP) mode when it reaches the current limit and attempts to
recover with hiccup mode. The DIO6905B disables the output power stage, discharges the soft-start capacitor,
and attempts to soft-start again automatically. If the short circuit condition remains after the soft start ends, the
DIO6905B repeats this cycle until the short circuit disappears and the output rises back to regulation levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com