Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6905B Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6905B
Description  2 A, Synchronous, Step-Down Converter with Forced PWM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905B Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6905B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DIO6905B
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO6905B • Rev. 1.2
- 2 -
Pin Assignments
DIO6905BSH3
DIO6905BCN8
SOT563
DFN2*2-8
Figure 1. Pin assignment (Top view)
Pin Definitions
Pin Name
Description
FB
Feedback. An external resistor divider from the output to GND tapped to FB sets the output
voltage.
GND
Power ground.
VIN
Supply voltage. The DIO6905B operates from a 2.3 V to 5.5 V unregulated input. A decoupling
capacitor is required to prevent large voltage spikes from appearing at the input.
SW
Output switching node. SW is the drain of the internal high-side P-channel MOSFET. Connect the
inductor to SW to complete the converter.
EN
On/off control.
PG
Power good indicator. Power good indicator (open drain output). Low if the output < 90% or the
output > 120% of regulation voltage; high otherwise. Connect a pull-up resistor to the input.
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com