Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6921 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6921
Description  High-Efficiency 2 A, 30 V Input Synchronous Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6921 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6921 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DIO6921
www.dioo.com
© 2024 Dioo Microcircuits Co., Ltd. Jiangsu
DIO6921 • Rev. 1.4
Input capacitor CIN
This ripple current through the input capacitor is calculated as:
D)
D(1
I
I
OUT
CIN_RMS
(2)
To minimize the potential noise problem, place a typical X5R or better-grade ceramic capacitor close to the IN
and GND pins. Care should be taken to minimize the loop area formed by CIN, and IN/GND pins. In this case, a
10 μF low equivalent series resistance (ESR) ceramic capacitor is recommended.
Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady-state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best
performance, it is recommended to use an X5R or better grade ceramic capacitor greater than 22 µF
capacitance.
Output inductor L1
There are several considerations in choosing this inductor.
1) Choose the inductance to provide the desired ripple current. It is suggested to choose the ripple current to be
about 40% of the maximum output current. The inductance is calculated as:
L1=
40%
I
f
)
/V
V
(1
V
MAX
OUT,
SW
MAX
IN,
OUT
OUT
(3)
where fsw is the switching frequency and IOUT,MAX is the maximum load current.
The DIO6921 regulator IC is quite tolerant of different ripple current amplitudes. Consequently, the final
choice of inductance can be slightly off the calculation value without significantly impacting the performance.
2) The saturation current rating of the inductor must be selected to be greater than the peak inductor current
under full load conditions.
ISAT,MIN>IOUT,MAX +
L1
×
f
×
2
)
/V
V
-
(1
V
SW
MAX
IN,
OUT
OUT
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com