Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6921 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6921
Description  High-Efficiency 2 A, 30 V Input Synchronous Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6921 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6921 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6921 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.4
www.dioo.com
© 2024 Dioo Microcircuits Co., Ltd. Jiangsu
DIO6921 • Rev. 1.4
DIO6921
High-Efficiency 2 A, 30 V Input Synchronous
Step Down Converter
Features
Low RDS(ON) or internal switches (top/bottom)
120 mΩ/75 mΩ, 2.0 A
4.5 ~ 30 V input voltage range
High-efficiency, synchronous-mode
Internal soft-start limits the inrush current
Over current protection
Thermal shutdown
Green package:
TSOT23-6 is pin compatible
Applications
Portable navigation devices
Set top boxes
Portable TVs
LCD TVs
Descriptions
The DIO6921 is a high-efficiency, high-frequency
synchronous step-down DC-DC regulator IC
capable of delivering up to 2 A output currents.
The DIO6921 operates over a wide input voltage
range from 4.5 V to 30 V and integrates the main
switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss.
The DIO6921 adopts the COT architecture to
achieve fast transient responses for high
step-down applications and high efficiency at
light loads. In addition, it operates at a
pseudo-constant frequency of 700 kHz under
heavy load conditions to minimize the size of the
inductor and capacitor.
Function Block
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO6921TST6
21YW
3
Green
-40 to 85°C
TSOT23-6
Tape & Reel, 3000
Marking Definition


Similar Part No. - DIO6921

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6920 DIOO-DIO6920 Datasheet
662Kb / 11P
High-Efficiency 2A, 24V Input Synchronous Step Down Converter
Rev 1.7
DIO69201 DIOO-DIO69201 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69201TST6 DIOO-DIO69201TST6 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69209 DIOO-DIO69209 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
DIO69209TST6 DIOO-DIO69209TST6 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
More results

Similar Description - DIO6921

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com