Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7552BST6 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7552BST6
Description  Precision Adjustable Current-Limited Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7552BST6 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7552BST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.3
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7552B/7553B• Rev. 1.3
DIO7552B/7553B
Precision Adjustable Current-Limited Power Distribution
Switches
Features
70mΩ(typ) High-Side MOSFET
2.31A Maximum Continuous Load Current
±10% Current-Limit Accuracy at 1A typically
Adjustable Current Limit: 400mA–2.57A (typ)
Operating Range: 4.75V to 5.5V
70μA(typ) Quiescent Current
2μs Fast Over current Response Typically
Reverse Input-Output Voltage Protection
Built-in 450Ω(typ) output discharge resistor
6kV HBM ESD Protection
2ms(typical) soft start time
Green package: SOT23-6 and DFN2*2-6 is pin
compatible
Application
USB Ports & USB Hubs
Digital TV and
Set-Top Boxes
VOIP Phones
Short-Circuit Protections
Descriptions
The
DIO7552B/7553B
is
power
distribution
switches that intended for applications where
precision current limiting is required or heavy
capacitive
loads
and
short
circuits
are
encountered
and
provide
up
to
2.31A
of
continuous load current.
A programmable current-limit threshold is offered
between 400mA and 2.57A (typ) via an external
resistor. Current-limit accuracy is ±10% @1A. The
power-switch rise and fall times are controlled to
minimize current surges during turn on/off. A
constant-current mode is used when the output
load exceeds the current-limit threshold.
The DIO7552B/7553B limits the output current to a
safe level by using a constant-current mode when
the
output
load
exceeds
the
current-limit
threshold. An internal reverse voltage comparator
disables the power switch when the output
voltage is driven higher than the input to protect
devices on the input side.
Block Diagram
Figure 1 Functional Block Diagram


Similar Part No. - DIO7552BST6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO75530 DIOO-DIO75530 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530HCD6 DIOO-DIO75530HCD6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530HST6 DIOO-DIO75530HST6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530LCD6 DIOO-DIO75530LCD6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530LST6 DIOO-DIO75530LST6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
More results

Similar Description - DIO7552BST6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com