Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7552BST6 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7552BST6
Description  Precision Adjustable Current-Limited Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7552BST6 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7552BST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIO7552B/7553B
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7552B/7553B• Rev. 1.3
Physcial Dimensions: SOT23-6
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
Symbol
MIN
NOM
MAX
A
-
-
1.25
A1
0
-
0.15
A2
1.00
1.10
1.20
A3
0.60
0.65
0.70
b
0.36
-
0.50
b1
0.36
0.38
0.45
c
0.14
-
0.20
c1
0.14
0.15
0.16
D
2.826
2.926
3.026
E
2.60
2.80
3.00
E1
1.526
1.626
1.726
e
0.90
0.95
1.00
e1
1.80
1.90
2.00
L
0.35
0.45
0.60
L1
0.59REF
L2
0.25BSC
R
0.10
-
-
R1
0.10
-
0.20
Θ
0°
-
8°
Θ1
3°
5°
7°
Θ2
6°
-
14°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com