Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2473 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C2473
Description  RDFC Controllers for Offline Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2473 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C2473 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 5Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 6Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 7Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 8Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
C2472, C2473 and C2474
Datasheet
RDFC Controllers for Offline Applications
Product data
Page 4 of 18
DS-1423-0709C
© Cambridge Semiconductor Ltd 2007
26-Sep-2007
PRINCIPLE OF OPERATION
Power-Up/Power-Down Sequences
The C2472, C2473 and C2474 controllers are powered via their VDD pins. When mains voltage is first
applied, a small amount of current (IDDSLEEP) is drawn from the rectified mains input via high value start up
resistors (Rht1 and Rht2 in Figure 3). When the voltage on the VDD pin (VDD) reaches a level VOVDTHR the
controller wakes up, demands more supply current (IDDWAKE) and enters the Start-up state (see Figure 4).
The controller stays in Start-up for a short time during which internal circuit blocks are enabled and then
changes to Active operation. In both Start-up and Active states, the controller uses an internal shunt
regulator to regulate the VDD rail voltage; the regulator is disabled in Sleep. A higher regulation voltage is
applied during Start-up (VDDREG(S)) than during Active operation (VDDREG(R)) to help provide sufficient VDD
before the Auxiliary supply from the transformer rises to maintain VDD.
If the VDD pin voltage drops below VUVDTHR the controller goes back to Sleep, reducing the supply current
demand. The system will restart when input power is restored. To achieve a smooth power up sequence the
VDD reservoir capacitor needs to be large enough to sustain the supply above VUVDTHR over the Start-up
period.
Figure 4: VDD Pin Waveform (VDD) During Initial Power-up and Power-down
State
Description
Sleep
From initial application of power or from Active state if VDD falls below VUVDTHR, the
controller changes to Sleep state. Non-essential controller circuits are powered down
and the external switching transistor (Q1) is held off. Exit from Sleep state occurs when
VDD rises above VOVDTHR and the controller moves to the Start-up state.
Start-up
When the Start-up state is entered, internal controller circuits are activated and power
conversion begins (Standby mode – see Table 2). In Start-up the on-chip shunt
regulator stabilises VDD to an intermediate value, VDDREG(S). After a preset time, the
controller changes from Start-up to Active operation.
Active
Converter operation continues, the shunt regulator controls VDD to the lower VDDREG(R).
If VDD falls below VUVDTHR the controller ceases converter operation and reverts to
Sleep state.
Table 1: Summary of RDFC Controller States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com