Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541WTR Datasheet(PDF) 66 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 62Page - STMicroelectronics TDA7541WTR Datasheet HTML 63Page - STMicroelectronics TDA7541WTR Datasheet HTML 64Page - STMicroelectronics TDA7541WTR Datasheet HTML 65Page - STMicroelectronics TDA7541WTR Datasheet HTML 66Page - STMicroelectronics TDA7541WTR Datasheet HTML 67Page - STMicroelectronics TDA7541WTR Datasheet HTML 68Page - STMicroelectronics TDA7541WTR Datasheet HTML 69Page - STMicroelectronics TDA7541WTR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
Software specification
TDA7541
66/76
Table 39.
Addr 23 SD NB II (FM E2h, AM C2h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
NBPC
0
Noise blanker peak charge current low
1
Noise blanker peak charge current high
NBRR<2:1>
0
0
Noise rectifier discharge resistor = infinite
0
1
Noise rectifier discharge resistor =56K
1
0
Noise rectifier discharge resistor =33K
1
1
Noise rectifier discharge resistor =18K
NBMP
0
Multipath influence on peak discharge “OFF”
1
Multipath influence on peak discharge “ON” (-3V/ms)
NBSMP
0
Strong multipath influence on peak discharge “OFF”
1
Strong multipath influence on peak discharge “ON”
VCON
0
Stereo decoder VCO “OFF”
1
Stereo decoder VCO “ON”
PCM
0
Pilot cancellation mode : always
1
Pilot cancellation mode : if pilot > pilot threshold
Not used
1
Table 40.
Addr 24, 26, 27, 28, 29 testing (FEh)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
1
1
1
1111
0
Only for testing
Table 41.
Addr 25 Testing (FEh)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
11
11
1
0
Only for testing
IFSEXP
0
Enable expand mode of IF sampling time (see addr4)
1
Disable expand mode of IF sampling time
EWEXP
0
Enable expand mode of error window (see addr4)
1
Disable expand mode of error window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com