Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541WTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 11Page - STMicroelectronics TDA7541WTR Datasheet HTML 12Page - STMicroelectronics TDA7541WTR Datasheet HTML 13Page - STMicroelectronics TDA7541WTR Datasheet HTML 14Page - STMicroelectronics TDA7541WTR Datasheet HTML 15Page - STMicroelectronics TDA7541WTR Datasheet HTML 16Page - STMicroelectronics TDA7541WTR Datasheet HTML 17Page - STMicroelectronics TDA7541WTR Datasheet HTML 18Page - STMicroelectronics TDA7541WTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
TDA7541
Electrical specifications and characteristics
15/76
13.20
fLP
-3dB frequency low pass
AM
FMON=0
40
kHz
Adjacent channel gain
13.21
GAC
Gain
32
dB
Adjacent channel filter
13.22
fHP
-3dB frequency highpass
ACF=0
100
kHz
13.23
f-20dB
Attenuation 20dB
70
kHz
13.24
fBP
Centre frequency
ACF=1
100
kHz
Multipath channel gain
13.25
GMP
Gain
12
dB
Multipath bandpass filter
13.26
fC
Centre frequency
19
kHz
13.27
Q
Quality factor
5
8
10
14. ISS (intelligent selectivity system) filter 450kHz
14.1
fcentre
Centre frequency
fREF_intern = 450kHz
450
kHz
14.2
BW 3dB
Bandwidth, -3dB
ISSBW = 1
70
80
90
kHz
14.3
BW 20dB Bandwidth, -20dB
ISSBW = 1
132
150
168
kHz
14.4
BW 3dB
Bandwidth, -3dB
ISSBW = 0
106
120
135
kHz
14.5
BW 20dB Bandwidth, -20dB
ISSBW = 0
220
250
280
kHz
14.6
BW 3dB
Bandwidth weather band
WBON = 1
18
22
26
kHz
14.7
BW 20dB -20dB weather band
WBON = 1
tbd
kHz
Adjacent channel ISS filter threshold
14.8
VTHAC
Internal low threshold
ACTH
2.75
V
14.9
VTHAC
Internal high threshold
ACTH
3.05
V
Multipath threshold
14.10
VTHMP
Internal low threshold
MPTH
0.50
V
14.11
VTHMP
Internal high threshold
MPTH
1.25
V
ISS filter time constant
14.12
I30,31
Charge current low mid
TISS, BWDEF = 1
-89
-74
-59
µA
14.13
I30,31
Charge current high mid
TISS, BWDEF = 1
-72
-60
-48
µA
14.14
I30,31
Charge current low narrow TISS, BWDEF = 1
-148
-124
-99
µA
14.15
I30,31
Charge current high
narrow
TISS, BWDEF = 1
-132
-110
-88
µA
14.16
I30,31
Discharge current low
TISS, BWDEF = 0
0.5
1
1.5
µA
Table 6.
FM section (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz,
fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com