Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4851 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4851
Description  SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4851 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4851 Datasheet HTML 1Page - STMicroelectronics M74HC4851 Datasheet HTML 2Page - STMicroelectronics M74HC4851 Datasheet HTML 3Page - STMicroelectronics M74HC4851 Datasheet HTML 4Page - STMicroelectronics M74HC4851 Datasheet HTML 5Page - STMicroelectronics M74HC4851 Datasheet HTML 6Page - STMicroelectronics M74HC4851 Datasheet HTML 7Page - STMicroelectronics M74HC4851 Datasheet HTML 8Page - STMicroelectronics M74HC4851 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2002
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
INJECTION CURRENT PROTECTION:
V∆OUT<1mV at VCC=5V IIN≤1mA RS≤3.9KΩ
s
"ON" RESISTANCE at TA=25°C:
215
Ω TYP. (V
CC =3.0V)
150
Ω TYP. (V
CC =4.5V)
160
Ω TYP. (V
CC =6V)
s
FAST SWITCHING:
tpd =8.6ns (TYP.) at TA =25°C, VCC =4.5V
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE: VCC =2V TO6V
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
SERIES 4051, 4851
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (JESD22-A114B);
MM > 200V
DESCRIPTION
The M74HC4851 is a single eight-channel analog
MULTIPLEXER/DEMULTIPLEXER
fabricated
with silicon gate C2MOS technology.
It is pin to pin compatible with the equivalent to
standard HC4051 and
MC14051, but feature
injection current effect control. This make this
device expecially suited for usage in automotive
applications where voltages in excess of normal
logic voltage are common. The injection current
effect control allows signals at disabled input
channels to exceed the supply voltage range or go
down ground without affecting the signal of the
enabled analog channel. This eliminated the need
for external diode-resistor networks typically esed
to keep the analog channel signals within the
supply voltage range. This analog switch is
bidirectional and digitally controlled. It have three
binary control inputs A, B, abd C to select 1 of 8 to
be turned on, and connected to the output, and a
INH input to disable all channel.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
M74HC4851
SINGLE 8 CHANNEL ANALOG MUX/DEMUX
WITH INJECTION CURRENT PROTECTION
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
M74HC4851M1R
M74HC4851RM13TR
TSSOP
M74HC4851TTR
TSSOP
SOP


Similar Part No. - M74HC4851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851M1R STMICROELECTRONICS-M74HC4851M1R Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851MWR STMICROELECTRONICS-M74HC4851MWR Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851RM13TR STMICROELECTRONICS-M74HC4851RM13TR Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851TTR STMICROELECTRONICS-M74HC4851TTR Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
More results

Similar Description - M74HC4851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852 Datasheet
242Kb / 11P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Sep-2002
M74HC4852 STMICROELECTRONICS-M74HC4852_03 Datasheet
410Kb / 15P
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
M74HC4851 STMICROELECTRONICS-M74HC4851_03 Datasheet
399Kb / 15P
SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Nov-2003
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
logo
List of Unclassifed Man...
M74HC4852YRM13TR ETC2-M74HC4852YRM13TR Datasheet
306Kb / 15P
Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
Mux / Demux Analog Switch
December, 2018- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com