Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4851 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4851
Description  SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4851 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4851 Datasheet HTML 1Page - STMicroelectronics M74HC4851 Datasheet HTML 2Page - STMicroelectronics M74HC4851 Datasheet HTML 3Page - STMicroelectronics M74HC4851 Datasheet HTML 4Page - STMicroelectronics M74HC4851 Datasheet HTML 5Page - STMicroelectronics M74HC4851 Datasheet HTML 6Page - STMicroelectronics M74HC4851 Datasheet HTML 7Page - STMicroelectronics M74HC4851 Datasheet HTML 8Page - STMicroelectronics M74HC4851 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HC4851
5/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/8
INJECTION CURRENT COUPLING SPECIFICATION (TA= -55°C to +125°C)
1) Typical values are measured at TA=25°C e they are calculate as differance from Vout without Injection Current and Vout with Injection
Current.
IIN = total current injected into any other disabled channels, one at time.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TEST CIRCUIT 1
TA = 25°C
up to 85°C
up to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPHL,tPLH Propagation Delay
Time, Analog Input
to Analog Output
2.0
19.5
25
29
32
ns
3.0
12
15.5
17.5
19.5
3.3
11
14.5
16.5
18.5
4.5
8.6
11.5
12.5
13.5
6.0
8
10
11
12
tPHL,tPLH Propagation Delay
Time
Channel-Select to
Analog Output
2.0
23
30
35
40
ns
3.0
13.5
17.5
20
23
3.3
12.5
16.5
19
22
4.5
10
13
15
17
6.0
9.5
12.5
14.5
16.5
tPHZtPZH
tPLZ,tPZL
Enable Disable
Time, Enable or
Channel-Select to
Analog Output
2.0
95
105
115
ns
3.0
90
100
110
3.3
85
95
105
4.5
80
90
100
6.0
78
80
80
CIN
Input Capacitance
(Digital Pins)
3.5
10
10
10
pF
CIN
Input Capacitance
(Switches Off, Any
Single Analog
Pins)
6.7
15
15
15
pF
CIN
Input Capacitance
(Switches Off, Any
Common Analog
Pins)
22
40
40
40
pF
CPD
Power Dissipation
Capacitance (*)
3.3
24
pF
5.0
28
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TEST CIRCUIT 2
Typ.(1)
Max.
V∆OUT Shift of Output
Voltage of Enabled
Analog Channel
3.3
IIN ≤ 1mA, RS ≤ 3.9KΩ
0.050
1.0
mV
5.0
0.100
1.0
3.3
IIN ≤ 10mA, RS ≤ 3.9KΩ
0.345
5.0
5.0
0.067
5.0
3.3
IIN ≤ 1mA, RS ≤ 20KΩ
0.050
2.0
5.0
0.110
2.0
3.3
IIN ≤ 10mA, RS ≤ 20KΩ
0.050
20
5.0
0.024
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com