Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDCIP2001-C Datasheet(PDF) 6 Page - International Rectifier

Part # IRDCIP2001-C
Description  IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2001-C Datasheet(HTML) 6 Page - International Rectifier

  IRDCIP2001-C Datasheet HTML 1Page - International Rectifier IRDCIP2001-C Datasheet HTML 2Page - International Rectifier IRDCIP2001-C Datasheet HTML 3Page - International Rectifier IRDCIP2001-C Datasheet HTML 4Page - International Rectifier IRDCIP2001-C Datasheet HTML 5Page - International Rectifier IRDCIP2001-C Datasheet HTML 6Page - International Rectifier IRDCIP2001-C Datasheet HTML 7Page - International Rectifier IRDCIP2001-C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.irf.com
6
IRDCiP2001-C
Table 2 - Reference Design Bill of Materials
Fig. 6 - R
ISEN vs Current (per Phase)
Adjusting the Over-Current Limit
R7 & R8 are the resistors used to adjust the over-current trip point. The trip point is a function of the controller and
corresponds to 165% of the output current indicated on the x-axis of Fig. 6. For example, selecting a resistance of 1.5K
at each phase will set the trip point to 165% of 15A, or 24.75A. The trip point for each phase on the demoboard is currently
set to 165% of 20A, or 33A.
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
10
11
12
13
14
15
16
17
18
19
20
Output Current (A)
Designator
Value 1
Value 2
Type
Tolerance
Package
Mfr.
Mfr. Part No.
C1
0.022uF
50V
X7R
10%
0805
TDK
C2012X7R1H223K
C2 - C14, C27, C29 - C32
10.0uF
16V
X5R
10%
1210
TDK
C3225X5R1C106K
C15, C16, C18, C19, C21, C22,
C24, C25, D1 - D4, R3, R19
--
-
-
-
-
-
C17, C20, C23, C26
100uF
6.3V
X5R
10%
2220
TDK
C5750X5R0J107K
C28
22.0pF
50V
COG
5%
0805
TDK
C2012COG1H220J
C33
0.010uF
50V
X7R
10%
0805
TDK
C2012X7R1H103K
Cx
4700pF
50V
X7R
10%
0603
TDK
C1608X7R1H472K
L1 - L4
0.54uH
27A
Ferrite
20%
SMT
Panasonic
ETQP6F0R6BFA
R1, R2
1K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ102
R10 - R14
0
1/8W
Thick film
<50m
0805
ROHM
MCR10EZHJ000
R6, R15 - R18
10K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ103
R4
51K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ513
R5, R7, R8, R9
2K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ202
Rx
51
1/10W
Thick film
5%
0603
KOA
RM73B1J510J
S1
SPST
6 position
Switch
-
SMT
C&K Components
SD06H0SK
ST1 - ST4
4-40
-
-
-
-
Keystone
8412
U1
-
-
PWM controller
0 - 70°C
SOIC20
Intersil
HIP6311CB
U2 - U5
-
-
DC-DC
-
11 x 11 x 3mm
IR
IP2001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com