Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDCIP2001-C Datasheet(PDF) 1 Page - International Rectifier

Part # IRDCIP2001-C
Description  IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2001-C Datasheet(HTML) 1 Page - International Rectifier

  IRDCIP2001-C Datasheet HTML 1Page - International Rectifier IRDCIP2001-C Datasheet HTML 2Page - International Rectifier IRDCIP2001-C Datasheet HTML 3Page - International Rectifier IRDCIP2001-C Datasheet HTML 4Page - International Rectifier IRDCIP2001-C Datasheet HTML 5Page - International Rectifier IRDCIP2001-C Datasheet HTML 6Page - International Rectifier IRDCIP2001-C Datasheet HTML 7Page - International Rectifier IRDCIP2001-C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
07/19/02
IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck
Converter using iP2001
Overview
In this document, table 1 and figure 1 are provided to enable engineers to
easily evaluate the iP2001 in a 4-phase configuration that is capable of
providing up to 80A in a lab environment without airflow. Figures 3, 4, 5 and
6 and the complete bill of materials in table 2 are provided as a reference
design to enable engineers to very quickly and easily design a 4-phase
converter. In order to optimize this design to your specific requirements
refer to the data sheet for the controller listed in the bill of materials. A variety
of other controllers may also be used, but the design will require layout and
control circuit modifications.
Demoboard Quick Start Guide
Initial Settings:
The output is set to 1.7V, but can be adjusted from 1.1 to 1.85V by setting
S1 according to the VID codes provided in Table 1. Droop control is set to 50mV at 80A, but can be adjusted by
following the instructions in the data sheet for the PWM controller.
The switching frequency per phase is set to 500kHz with the frequency set resistor R4. This creates an effective
output frequency of 2MHz. The graph in figure 1 shows the relationship between R4 and the switching frequency
per phase. This frequency may be adjusted by changing R4 according to this graph; however, extreme changes
from the 500kHz set point may require redesigning the control loop and adjusting the values of input and output
capacitors. Also, refer to the SOA graph in the iP2001 datasheet for maximum operating current at different
frequencies.
Procedure for Connecting and Powering Up Demoboard:
1. Apply input voltage (5-12V) across V
IN (TP18) and PGND (TP14). Note that this input source must be applied first during
the power-up sequence.
2. Apply +5V logic power across +5V (TP19) and PGND (TP20).
3. Apply load across VOUT pads (TP10 - TP13) and PGND pads (TP14 - TP17)
4. Set ENABLE high.
5. Monitor switch node signals (optional) via TP6 - TP9.
6. Adjust load accordingly.
iP2001 Recommended Operating Conditions
(refer to the iP2001 datasheet for maximum operating conditions)
Input voltage:
5 - 12V
Output voltage:
1.1 - 1.85V
Output current:
20A per phase, 80A total for 4-phase demo board.
Switching Freq:
500kHz per phase, 2MHz effective output frequency.
IRDCiP2001-C
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA
REFERENCE DESIGN
REFERENCE DESIGN


Similar Part No. - IRDCIP2001-C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2001-A IRF-IRDCIP2001-A Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IRDCIP2001-B IRF-IRDCIP2001-B Datasheet
648Kb / 8P
IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
More results

Similar Description - IRDCIP2001-C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
IRDCIP2001-B IRF-IRDCIP2001-B Datasheet
648Kb / 8P
IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
IRDCIP2001-A IRF-IRDCIP2001-A Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
logo
International Rectifier
IRDCIP2021C-2 IRF-IRDCIP2021C-2 Datasheet
1Mb / 15P
IRDCiP2021C-2: 500kHz, 20A, Dual Output, 180o Out of Phase Synchronous Buck Converter
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com