Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OGP Datasheet(PDF) 6 Page - KITAGAWA GmbH

Part # OGP
Description  Grounding components, with support for automated mounting on PC board.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OGP Datasheet(HTML) 6 Page - KITAGAWA GmbH

  OGP Datasheet HTML 1Page - KITAGAWA GmbH OGP Datasheet HTML 2Page - KITAGAWA GmbH OGP Datasheet HTML 3Page - KITAGAWA GmbH OGP Datasheet HTML 4Page - KITAGAWA GmbH OGP Datasheet HTML 5Page - KITAGAWA GmbH OGP Datasheet HTML 6Page - KITAGAWA GmbH OGP Datasheet HTML 7Page - KITAGAWA GmbH OGP Datasheet HTML 8Page - KITAGAWA GmbH OGP Datasheet HTML 9Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
※Please confirm "Notes for Onboard series" on page 2 prior to purchase.
※The values are measured data for reference, not guaranteed.
ON-BOARD CONTACT
/OG
OG-321022
2.2
1
1
3.2
Material : Phosphor bronze for spring (t=0.12mm)
Surface treatment : PartialAu plating
Recommended height : 1.5~2mm
0
5
10
15
20
25
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
Gap
(mm)
0.0
1.0
2.0
3.0
4.0
5.0
Resistance
Compression force
OG-321022
OG-542925
OG-453239-A
1.2
2.9
5.4
Material : Phosphor bronze for spring (t=0.12mm)
Surface treatment : Partial Au plating
Recommended height : 1.5~2.3mm
Material : Beryllium copper (t=0.12mm)
Surface treatment : Sn reflow plating (Cu Base plating)
Recommended height : 2.8~3.5mm
0
5
10
15
20
25
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Gap
(mm)
0.0
1.0
2.0
3.0
4.0
5.0
Resistance
圧Compression force
OG-542925
0
2
4
6
8
10
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Gap
(mm)
0
1
2
3
4
5
Resistance
Compression force
OG-453239-A
0
10
20
30
40
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
Gap
(mm)
0.0
2.0
4.0
6.0
8.0
Resistance
Compression force
OG-363040
Material : Beryllium copper (t=0.1mm)
Surface treatment : Sn reflow plating (Ni plated contacts)
OG-363040
3.6
1.4
3
1.4
(1.4)
5
Recommended height : 2.2~3.4mm
OG-363040HD
0
5
10
15
20
25
2.0
2.4
2.8
3.2
3.6
Gap(mm)
0.0
0.4
0.8
1.2
1.6
2.0
Resistance
Compression force
Material : Beryllium copper (t=0.1mm)
Surface treatment : Sn reflow plating (Ni plated contacts)
OG-363040HD
3
1.4
(1.4)
Recommended height : 2.2~3.4mm
3.6
1.4
5
Material : Beryllium copper (t=0.1mm)
Surface treatment : Partial Au plating
OG-363040G
3.6
1.4
3
1.4
(1.4)
5
Recommended height : 2.2~3.4mm
0
2
3
1
4
5
6
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Gap
(mm)
0
0.5
1.5
1
2
2.5
3
Resistance
Compression force
OG-363040G
4.5
3.2
2.6
2.2
Compression force vs Electric resistance
Compression force vs Electric resistance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com